Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSH299 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSH299
Description  P-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH299 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSH299 Datasheet HTML 1Page - NXP Semiconductors BSH299 Datasheet HTML 2Page - NXP Semiconductors BSH299 Datasheet HTML 3Page - NXP Semiconductors BSH299 Datasheet HTML 4Page - NXP Semiconductors BSH299 Datasheet HTML 5Page - NXP Semiconductors BSH299 Datasheet HTML 6Page - NXP Semiconductors BSH299 Datasheet HTML 7Page - NXP Semiconductors BSH299 Datasheet HTML 8Page - NXP Semiconductors BSH299 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1998 Feb 18
4
Philips Semiconductors
Objective specification
P-channel enhancement mode MOS transistor
BSH299
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = −10 µA
−50
−−
V
VGSth
gate-source threshold voltage
VGS =VDS; ID = −1mA
−0.8
−−2V
IDSS
drain-source leakage current
VGS = 0; VDS = −40 V
−−−100
nA
VGS = 0; VDS = −50 V
−−−10
µA
VGS = 0; VDS = −50 V; Tj = 125 °C −−−60
µA
IGSS
gate leakage current
VGS = ±20 V; VDS =0
−−±10
nA
RDSon
drain-source on-state resistance
VGS = −10 V; ID = −0.13 A;
see Fig.10
−−
10
Ω
y
fs
forward transfer admittance
VDS = −25 V; ID = −0.13 A
50
−−
mS
Ciss
input capacitance
VGS = 0; VDS = −25 V; f = 1 MHz;
see Fig.7
−
25
45
pF
Coss
output capacitance
−
15
25
pF
Crss
reverse transfer capacitance
−
3.5
12
pF
Switching times (see Figs 5 and 6)
ton
turn-on switching time
VGS =0to −10 V; VDD = −40 V;
ID = −0.2 A
−
3
−
ns
toff
turn-off switching time
VGS = −10 to 0 V; VDD = −40 V;
ID = −0.2 A
−
7
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com