Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

950-SVG/05 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 950-SVG/05
Description  Plug connector Screw connection, with solder pin
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

950-SVG/05 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  950-SVG/05 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
950-SVG
Plug connector
Screw connection, with solder pin
06.11
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
2-8 poles: CTI ≥ 600; 9-32 poles: CTI 400
Insulating Group
2-8 poles: I; 9-32 poles: II
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M2,6; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated copper
Plug
ø 1,6 mm; tin plated brass
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,00
• Pitch of 10 mm for larger clearance and creepage distances
• Longer P.C. pins up to 75 mm
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 950-SVG/02
90.871.012
10,00 mm
Box
200
3 950-SVG/03
90.871.083
15,00 mm
Box
100
4 950-SVG/04
90.871.084
20,00 mm
Box
100
5 950-SVG/05
90.871.085
25,00 mm
Box
100
6 950-SVG/06
90.871.086
30,00 mm
Box
50
GENERAL INFORMATION
Pitch
5 mm
No. of poles
2 - 32
Usable with
plug connector 971-FBS
Additonal Information
Can be used as a three-way contact
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
Rated Cross Section
1,5 mm²
Wire Stripping Length
5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
160 V
160 V
320 V
Rated Impulse Voltage
2,5 kV
2,5 kV
2,5 kV
Rated Insulation Voltage
130 V acc. to EN 60998-1
Rated Current
6 A
Hole in PCB
ø 1,3 mm
Torque
0,4 Nm
Other specifications
2-8 poles types are "no-flame" acc. to glow-wire
test.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
7
300
B
26 - 14
0,4
7
300
B
26 - 14
0,4
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 950-SVG/05

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
950-SLS WECO-950-SLS Datasheet
46Kb / 1P
Pin Strip Plug-in direction parallel to PCB
06.11
950-SLS/02 WECO-950-SLS/02 Datasheet
46Kb / 1P
Pin Strip Plug-in direction parallel to PCB
06.11
950-SLS/03 WECO-950-SLS/03 Datasheet
46Kb / 1P
Pin Strip Plug-in direction parallel to PCB
06.11
950-SLS/04 WECO-950-SLS/04 Datasheet
46Kb / 1P
Pin Strip Plug-in direction parallel to PCB
06.11
950-SLS/05 WECO-950-SLS/05 Datasheet
46Kb / 1P
Pin Strip Plug-in direction parallel to PCB
06.11
More results

Similar Description - 950-SVG/05

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-G WECO-302-G Datasheet
104Kb / 1P
Socket terminal strip Screw connection, with solder pin
05.18
302-SVG WECO-302-SVG Datasheet
158Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
05.18
322-G WECO-322-G Datasheet
105Kb / 1P
Socket terminal strip Screw connection, with solder pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
950-GFL-DS WECO-950-GFL-DS Datasheet
87Kb / 1P
Plug connector Screw connection, with solder pin
06.11
950-LH WECO-950-LH Datasheet
62Kb / 1P
PCB connector Screw connection, with angled solder pin, pottable
06.11
970-LH WECO-970-LH Datasheet
117Kb / 1P
PCB connector Screw connection, right angle solder pin, pottable
11.11
982-S WECO-982-S Datasheet
162Kb / 1P
Screw connection, 1 solder pin per pole
11.11
983-SMF-2.8 WECO-983-SMF-2.8 Datasheet
124Kb / 1P
PCB connector Screw connection, with solder pin and tab
03.19
983-SML-2.8 WECO-983-SML-2.8 Datasheet
83Kb / 1P
PCB connector Screw connection, with solder pin and solder tag
03.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com