Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSP030 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSP030
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP030 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSP030 Datasheet HTML 2Page - NXP Semiconductors BSP030 Datasheet HTML 3Page - NXP Semiconductors BSP030 Datasheet HTML 4Page - NXP Semiconductors BSP030 Datasheet HTML 5Page - NXP Semiconductors BSP030 Datasheet HTML 6Page - NXP Semiconductors BSP030 Datasheet HTML 7Page - NXP Semiconductors BSP030 Datasheet HTML 8Page - NXP Semiconductors BSP030 Datasheet HTML 9Page - NXP Semiconductors BSP030 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Mar 13
6
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP030
Fig.4 Switching time test circuit; input and output waveforms.
handbook, full pagewidth
MAM274
90 %
10 %
10 %
90 %
Vin
Vout
td(on)
ton
toff
tf
tr
td(off)
0
0
VDD
RL
Vout
Vin
Fig.5 Transient thermal resistance from junction to soldering point as a function of pulse time; typical values.
handbook, full pagewidth
1
102
10−1
10−5
10−4
10−3
10−1
10−2
tp (s)
110
10
Rth j−s
(K/W)
tp
tp
T
P
t
T
δ =
MGD718
δ =
0.75
0.5
0.33
0.2
0.1
0.05
0.01
0
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com