Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5435 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5435
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5435 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5435 Datasheet HTML 1Page - Renesas Technology Corp 2SC5435 Datasheet HTML 2Page - Renesas Technology Corp 2SC5435 Datasheet HTML 3Page - Renesas Technology Corp 2SC5435 Datasheet HTML 4Page - Renesas Technology Corp 2SC5435 Datasheet HTML 5Page - Renesas Technology Corp 2SC5435 Datasheet HTML 6Page - Renesas Technology Corp 2SC5435 Datasheet HTML 7Page - Renesas Technology Corp 2SC5435 Datasheet HTML 8Page - Renesas Technology Corp 2SC5435 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
(1) Q1
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
100
nA
DC Current Gain
hFE
Note 1
VCE = 3 V, IC = 10 mA
75
110
150
Gain Bandwidth Product
fT
VCE = 3 V, IC = 10 mA, f = 2 GHz
10.0
12.0
GHz
Insertion Power Gain
S21e2 VCE = 3 V, IC = 10 mA, f = 2 GHz
7.0
11.0
dB
Noise Figure
NF
VCE = 3 V, IC = 3 mA, f = 2 GHz,
ZS = Zopt
1.5
2.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 3 V, IE = 0 mA, f = 1 MHz
0.4
0.7
pF
(2) Q2
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
600
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
600
nA
DC Current Gain
hFE
Note 1
VCE = 1 V, IC = 5 mA
100
120
145
Gain Bandwidth Product (1)
fT
VCE = 1 V, IC = 5 mA, f = 2 GHz
3.0
4.5
GHz
Gain Bandwidth Product (2)
fT
VCE = 1 V, IC = 15 mA, f = 2 GHz
5.0
6.5
GHz
Insertion Power Gain (1)
S21e2 VCE = 1 V, IC = 5 mA, f = 2 GHz
3.0
4.0
dB
Insertion Power Gain (2)
S21e2 VCE = 1 V, IC = 15 mA, f = 2 GHz
4.5
5.5
dB
Noise Figure
NF
VCE = 1 V, IC = 10 mA, f = 2 GHz,
ZS = Zopt
1.9
2.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 0.5 V, IE = 0 mA, f = 1 MHz
0.6
0.8
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
FB
Marking
vY
hFE Value of Q1
75 to 150
hFE Value of Q2
100 to 145
Data Sheet PU10332EJ02V0DS
3
µPA862TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com