Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1T45GS Datasheet(PDF) 26 Page - Nexperia B.V. All rights reserved

Part # 74LVC1T45GS
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1T45GS Datasheet(HTML) 26 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1T45GS Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74LVC1T45GS Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74LVC1T45GS Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74LVC1T45GS Datasheet HTML 25Page - Nexperia B.V. All rights reserved 74LVC1T45GS Datasheet HTML 26Page - Nexperia B.V. All rights reserved 74LVC1T45GS Datasheet HTML 27Page - Nexperia B.V. All rights reserved 74LVC1T45GS Datasheet HTML 28Page - Nexperia B.V. All rights reserved 74LVC1T45GS Datasheet HTML 29Page - Nexperia B.V. All rights reserved 74LVC1T45GS Datasheet HTML 30Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Nexperia
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1115
sot1115_po
10-04-02
10-04-07
Unit
mm
max
nom
min
0.35 0.04
0.95
0.90
0.85
1.05
1.00
0.95
0.55 0.3
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON6: extremely thin small outline package; no leads;
6 terminals; body 0.9 x 1.0 x 0.35 mm
SOT1115
A1
b
0.20
0.15
0.12
D
E
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
D
E
(4×)(2)
e1
e1
e
L
L1
b
3
2
1
6
5
4
(6×)(2)
A1 A
Fig. 19. Package outline SOT1115 (XSON6)
74LVC_LVCH1T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 10 February 2022
26 / 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com