Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS216 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS216
Description  Small Outline Photo DMOS-FET Relay with high load current capabilities ( 1.7A )
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS216 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS216 Datasheet HTML 1Page - ISOCOM COMPONENTS IS216 Datasheet HTML 2Page - ISOCOM COMPONENTS IS216 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Forward Voltage (V
F)
1.2
1.4
V
I
F = 10mA
Input
Reverse Current (I
R)
10
µA
V
R = 5V
On State Resistance ( Ron )
1.2
I
F =5mA, IL =100mA
Output
Off State Leakage Current ( I
Leak )
1
uA
V
L = Rating
Ouput Capacitance ( C
Out )
500
pF
V
L = 0, f = 1MHz
Input Control Current ( I
FON )
0.5
3.0
mA
Recovery LED Current ( I
FOFF )
0.35
0.5
mA
Recovery LED Voltage ( V
OFF )
0.5
V
Coupled
Turn On Time ( T
ON )
1.5
mS
I
F =5mA, IL =100mA
Turn Off Time ( T
OFF )
0.1
mS
I
F =5mA, IL =100mA
Input to Output Isolation ( V
ISO )
1500
V
See note 1
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
15/2/06
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
DC93061
1 LED Anode
2 LED Cathode
3 Drain MOSFET
4 Drain MOSFET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com