Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7329 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7329 Datasheet HTML 5Page - Analog Devices AD7329 Datasheet HTML 6Page - Analog Devices AD7329 Datasheet HTML 7Page - Analog Devices AD7329 Datasheet HTML 8Page - Analog Devices AD7329 Datasheet HTML 9Page - Analog Devices AD7329 Datasheet HTML 10Page - Analog Devices AD7329 Datasheet HTML 11Page - Analog Devices AD7329 Datasheet HTML 12Page - Analog Devices AD7329 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD7329
Rev. 0 | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
19
18
17
16
15
14
13
12
11
DIN
DGND
AGND
ADCIN+
VSS
REFIN/REFOUT
CS
DGND
DOUT
VDRIVE
ADCIN–
VDD
VCC
MUXOUT+
VIN0
VIN5
VIN4
VIN1
MUXOUT–
VIN2
VIN7
VIN6
VIN3
SCLK
AD7329
TOP VIEW
(Not to Scale)
Figure 3. TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Descriptions
24
SCLK
Serial Clock, Logic Input. A serial clock input provides the SCLK used for accessing the data from the AD7329.
This clock is also used as the clock source for the conversion process.
22
DOUT
Serial Data Output. The conversion output data is supplied to this pin as a serial data stream. The bits are
clocked out on the falling edge of the SCLK input, and 16 SCLKs are required to access the data. The data
stream consists of three channel identification bits, the sign bit, and 12 bits of conversion data. The data is
provided MSB first (see the Serial Interface section).
1
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7329 and frames the serial data transfer.
2
DIN
Data In. Data to be written to the on-chip registers is provided on this input and is clocked into the register
on the falling edge of SCLK (see the Registers section).
21
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface operates.
This pin should be decoupled to DGND. The voltage at this pin can be different than that at VCC but should
not exceed VCC by more than 0.3 V.
3, 23
DGND
Digital Ground. Ground reference point for all digital circuitry on the AD7329. The DGND and AGND voltages
ideally should be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
4
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7329. All analog input signals and
any external reference signal should be referred to this AGND voltage. The AGND and DGND voltages ideally
should be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
5
REFIN/REFOUT
Reference Input/Reference Output. The on-chip reference is available on this pin for use external to the
AD7329. Alternatively, the internal reference can be disabled and an external reference applied to this input.
On power up, this is the default condition. The nominal internal reference voltage is 2.5 V, which appears at
this pin. A 680 nF capacitor should be placed on the reference pin (see the Reference section).
20
VCC
Analog Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for the ADC core on the AD7329. This supply
should be decoupled to AGND.
19
VDD
Positive Power Supply Voltage. This is the positive supply voltage for the analog input section.
6
VSS
Negative Power Supply Voltage. This is the negative supply voltage for the analog input section.
7
ADCIN+
Positive ADC Input. This pin allows access to the on-chip track-and-hold. The voltage applied to this pin is still
a high voltage signal (±10 V, ±5 V, ±2.5 V, or 0 V to +10 V).
8
MUXOUT+
Positive Multiplexer Output. The output of the multiplexer appears at this pin. The voltage at this pin is still a
high voltage signal equivalent to the voltage applied to the VIN+ input channel, as selected in the control
register or sequence register. If no external filtering or buffering is required, this pin should be tied to the
ADCIN+ pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com