Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G08GF Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G08GF
Description  Single 2-input AND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G08GF Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC1G08GF Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G08GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G08GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G08GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G08GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G08GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G08GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G08GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G08GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Nexperia
74LVC1G08
Single 2-input AND gate
6. Pinning information
6.1. Pinning
74LVC1G08
B
VCC
A
GND
Y
001aab638
1
2
3
5
4
Fig. 4. Pin configuration SOT353-1 (TSSOP5)
and SOT753 (SC-74A)
74LVC1G08
A
001aab639
B
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Fig. 5. Pin configuration SOT886 (XSON6)
74LVC1G08
A
001aae978
B
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Fig. 6. Pin configuration SOT891, SOT1115 and
SOT1202 (XSON6)
aaa-003023
Transparent top view
74LVC1G08
B
VCC
1
2
5
4
A
Y
GND
3
Fig. 7. Pin configuration SOT1226-3 (X2SON5)
6.2. Pin description
Table 3. Pin description
Pin
Symbol
TSSOP5, SC-74A
and X2SON5
XSON6
Description
B
1
1
data input
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
74LVC1G08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 14 — 24 February 2022
3 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com