Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G14 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G14
Description  Single Schmitt-trigger inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G14 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G14 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G14 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G14 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G14 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G14 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G14 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G14 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G14 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G14 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Nexperia
74LVC1G14
Single Schmitt-trigger inverter
0
3
VI (V)
ICC
(mA)
10
0
2
mna641
4
6
8
1
2
VCC = 3.0 V.
Fig. 10. Typical transfer characteristics
12. Dynamic characteristics
Table 9. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 12.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
A to Y; see Fig. 11
[2]
VCC = 1.65 V to 1.95 V
1.0
4.1
11.0
1.0
14.0
ns
VCC = 2.3 V to 2.7 V
0.7
2.8
6.5
0.7
8.5
ns
VCC = 2.7 V
0.7
3.2
6.5
0.7
8.5
ns
VCC = 3.0 V to 3.6 V
0.7
3.0
5.5
0.7
7.0
ns
tpd
propagation delay
VCC = 4.5 V to 5.5 V
0.7
2.2
5.0
0.7
6.5
ns
CPD
power dissipation
capacitance
VCC = 3.3 V; VI = GND to VCC [3]
-
15.4
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi + (CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V.
74LVC1G14
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 17 — 20 January 2022
7 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com