Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5657 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # 2SC5657
Description  Horizontal Deflection Transistor Series for TV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5657 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button 2SC5657 Datasheet HTML 3Page - Panasonic Semiconductor 2SC5657 Datasheet HTML 4Page - Panasonic Semiconductor 2SC5657 Datasheet HTML 5Page - Panasonic Semiconductor 2SC5657 Datasheet HTML 6Page - Panasonic Semiconductor 2SC5657 Datasheet HTML 7Page - Panasonic Semiconductor 2SC5657 Datasheet HTML 8Page - Panasonic Semiconductor 2SC5657 Datasheet HTML 9Page - Panasonic Semiconductor 2SC5657 Datasheet HTML 10Page - Panasonic Semiconductor 2SC5657 Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Parameter
Emitter cutoff current
Forward current transfer ratio
Base to emitter saturation voltage
Transition frequency
Fall time
Storage time
Rating
1700
1700
600
7
30*3
20
11
150
-55 to +150
Unit
V
V
V
V
A
A
A
W
°C
°C
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
s Absolute Maximum Ratings
Parameter
Collector to base voltage
Collector to emitter voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power dissipation
Junction temperature
Storage temperature
70*1
3.5*2
*1)TC=25°C *2)Ta=25°C (Without heat sink)
*3)Non-repetitive peak collector current.
min
-
-
-
7
-
-
-
-
-
Conditions
VCB=1000V,IE=0
VCB=1700V,IE=0
VEB=7V,IC=0
VCE=5V,IC=10A
IC=10A,IB=2.5A
IC=10A,IB=2.5A
VCE=10V,IC=0.1A,f=0.5MHz
IC=10A,IB1=2.5A,IB2=-5.0A
IC=10A,IB1=2.5A,IB2=-5.0A
s Electrical Characteristics(TC=25°C)
Collector cutoff current
Collector to emitter saturation
voltage
Symbol
ICBO
ICBO
IEBO
fFE
VCE(sat)
VBE(sat)
fT
Tf
Tstg
typ
-
-
-
-
-
-
3
-
-
max
50
1
50
14
3
1.5
-
0.2
3.0
Unit
µA
mA
µA
V
V
MHz
µs
µs
2SC5591
Horizontal Deflection Output Transistor
15.5
±0.5
3.0
±0.3
φ3.2±0.1
5.45
±0.3
123
5.45
±0.3
1.1
±0.1
2.0
±0.2
4.0
5
°
5
°
5
°
5
°
5
°
5
°
0.7
±0.1
TOP-3E
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com