Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC764BD/01 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P87LPC764BD/01
Description  Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC764BD/01 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P87LPC764BD/01 Datasheet HTML 18Page - NXP Semiconductors P87LPC764BD/01 Datasheet HTML 19Page - NXP Semiconductors P87LPC764BD/01 Datasheet HTML 20Page - NXP Semiconductors P87LPC764BD/01 Datasheet HTML 21Page - NXP Semiconductors P87LPC764BD/01 Datasheet HTML 22Page - NXP Semiconductors P87LPC764BD/01 Datasheet HTML 23Page - NXP Semiconductors P87LPC764BD/01 Datasheet HTML 24Page - NXP Semiconductors P87LPC764BD/01 Datasheet HTML 25Page - NXP Semiconductors P87LPC764BD/01 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Philips Semiconductors
Product data
P87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2003 Sep 03
21
SU01163
KBF (KBI INTERRUPT)
EKB
(FROM IEN1 REGISTER)
P0.7
KBI.7
P0.6
KBI.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
KBI.5
KBI.4
KBI.3
KBI.2
KBI.1
KBI.0
Figure 14. Keyboard Interrupt
BIT
SYMBOL
FUNCTION
KBI.7
KBI.7
When set, enables P0.7 as a cause of a Keyboard Interrupt.
KBI.6
KBI.6
When set, enables P0.6 as a cause of a Keyboard Interrupt.
KBI.5
KBI.5
When set, enables P0.5 as a cause of a Keyboard Interrupt.
KBI.4
KBI.4
When set, enables P0.4 as a cause of a Keyboard Interrupt.
KBI.3
KBI.3
When set, enables P0.3 as a cause of a Keyboard Interrupt.
KBI.2
KBI.2
When set, enables P0.2 as a cause of a Keyboard Interrupt.
KBI.1
KBI.1
When set, enables P0.1 as a cause of a Keyboard Interrupt.
KBI.0
KBI.0
When set, enables P0.0 as a cause of a Keyboard Interrupt.
Note: the Keyboard Interrupt must be enabled in order for the settings of the KBI register to be effective. The interrupt flag
(KBF) is located at bit 7 of AUXR1.
KBI.0
SU01164
KBI.1
KBI.2
KBI.3
KBI.4
KBI.5
KBI.6
KBI.7
0
1
2
3
4
5
6
7
KBI
Reset Value: 00h
Not Bit Addressable
Address: 86h
Figure 15. Keyboard Interrupt Register (KBI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com