Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/P Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP2515-I/P
Description  Stand-Alone CAN Controller With SPI??Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/P Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP2515-I/P Datasheet HTML 75Page - Microchip Technology MCP2515-I/P Datasheet HTML 76Page - Microchip Technology MCP2515-I/P Datasheet HTML 77Page - Microchip Technology MCP2515-I/P Datasheet HTML 78Page - Microchip Technology MCP2515-I/P Datasheet HTML 79Page - Microchip Technology MCP2515-I/P Datasheet HTML 80Page - Microchip Technology MCP2515-I/P Datasheet HTML 81Page - Microchip Technology MCP2515-I/P Datasheet HTML 82Page - Microchip Technology MCP2515-I/P Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS21801D-page 79
MCP2515
APPENDIX A:
REVISION HISTORY
Revision D (April 2005)
The following is the list of modifications:
1.
Section 8.0. Added Table 8-1 and Table 8-2.
Added note box following tables.
2.
Section 11.0, Table 11-1. Changed address bits
in column heading.
3.
Modified Section 14.0 Packaging Information to
reflect pb free device markings.
4.
Appendix A Revision History: Rearranged order
of importance.
Revision C (November 2004)
The following is the list of modifications:
1.
New section 9.0 added.
2.
Section 12, Heading 12.1: added notebox.
Heading
12.6:
Changed
verbiage
within
paragraph.
3.
Added Appendix A: Revision History.
Revision B (September 2003)
The following is the list of modifications:
1.
Front page bullet: Standby current (typical)
(Sleep Mode) changed from 10 µA to 1 µA
2.
Section 8.2 CLKOUT Pin: Added notebox for
maximum frequency on CLKOUT.
3.
Section 12.0, Table 12-1:
- Changed supply voltage minimum to 2.7V.
- Internal Capacitance: Changed VDD
condition to 0V.
- Standby Current (Sleep mode): Split
specification into -40°C to +85°C and
-40°C to +125°C.
Revision A (May 2003)
• Original Relase of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com