Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSTUB32866 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SSTUB32866
Description  1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTUB32866 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SSTUB32866 Datasheet HTML 17Page - NXP Semiconductors SSTUB32866 Datasheet HTML 18Page - NXP Semiconductors SSTUB32866 Datasheet HTML 19Page - NXP Semiconductors SSTUB32866 Datasheet HTML 20Page - NXP Semiconductors SSTUB32866 Datasheet HTML 21Page - NXP Semiconductors SSTUB32866 Datasheet HTML 22Page - NXP Semiconductors SSTUB32866 Datasheet HTML 23Page - NXP Semiconductors SSTUB32866 Datasheet HTML 24Page - NXP Semiconductors SSTUB32866 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SSTUB32866_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 9 October 2006
21 of 29
NXP Semiconductors
SSTUB32866
1.8 V DDR2-800 configurable registered buffer with parity
11.4 Partial parity out load circuit and voltage measurement information
VDD = 1.8 V ± 0.1 V.
All input pulses are supplied by generators having the following characteristics:
PRR
≤ 10 MHz; Z
0 =50 Ω; input slew rate = 1 V/ns ± 20 %, unless otherwise specified.
Fig 23. Voltage waveforms, open-drain output LOW-to-HIGH transition time with respect to
clock inputs
VICR
tLH
VOH
0 V
timing
inputs
output
waveform 2
Vi(p-p)
VICR
0.15 V
002aaa503
(1) CL includes probe and jig capacitance.
Fig 24. Partial parity out load circuit
VT = 0.5VDD.
tPLH and tPHL are the same as tPD.
Vi(p-p) = 600 mV.
Fig 25. Partial parity out voltage waveforms; propagation delay times with respect to clock
inputs
CL = 5 pF(1)
OUT
DUT
test point
RL = 1 kΩ
002aaa654
VOH
VOL
output
tPLH
002aaa375
VT
VICR
VICR
tPHL
CK
CK
Vi(p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com