Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41AB3IPFP Datasheet(PDF) 15 Page - Texas Instruments

Part # TSB41AB3IPFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3IPFP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSB41AB3IPFP Datasheet HTML 11Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 12Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 13Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 14Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 15Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 16Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 17Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 18Page - Texas Instruments TSB41AB3IPFP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
th
tsu
D, CTL, LREQ
SYSCLK
Figure 2. Dx, CTLx, LREQ Input Setup and Hold Time Waveforms
td
D, CTL, LREQ
SYSCLK
Figure 3. Dx and CTLx Output Delay Relative to SYSCLK Waveforms
APPLICATION INFORMATION
internal register configuration
There are 16 accessible internal registers in the TSB41AB3. The configuration of the registers at addresses 0h
through 7h (the base registers) is fixed, while the configuration of the registers at addresses 8h through Fh (the
paged registers) is dependent upon which one of eight pages, numbered 0h through 7h, is currently selected.
The selected page is set in base register 7h.
The configuration of the base registers is shown in Table 1, and corresponding field descriptions given in
Table 2. The base register field definitions are unaffected by the selected page number.
A reserved register or register field (marked as Reserved or Rsvd in the following register configuration tables)
is read as 0, but is subject to future usage. All registers in address pages 2 through 6 are reserved.
Table 1. Base Register Configuration
Address
BIT POSITION
Address
0
1
2
3
4
5
6
7
0000
Physical ID
R
CPS
0001
RHB
IBR
Gap_Count
0010
Extended (111b)
Rsvd
Num_Ports (0011b)
0011
PHY_Speed (010b)
Rsvd
Delay (0000b)
0100
LCtrl
C
Jitter (000b)
Pwr_Class
0101
RPIE
ISBR
CTOI
CPSI
STOI
PEI
EAA
EMC
0110
Reserved
0111
Page_Select
Rsvd
Port_Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com