Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41AB3PFP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3PFP
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3PFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB41AB3PFP Datasheet HTML 17Page - Texas Instruments TSB41AB3PFP Datasheet HTML 18Page - Texas Instruments TSB41AB3PFP Datasheet HTML 19Page - Texas Instruments TSB41AB3PFP Datasheet HTML 20Page - Texas Instruments TSB41AB3PFP Datasheet HTML 21Page - Texas Instruments TSB41AB3PFP Datasheet HTML 22Page - Texas Instruments TSB41AB3PFP Datasheet HTML 23Page - Texas Instruments TSB41AB3PFP Datasheet HTML 24Page - Texas Instruments TSB41AB3PFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
internal register configuration (continued)
Table 8. Page 7 (Vendor-Dependent) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
NPA
1
Rd/Wr
Null-packet actions flag. This bit instructs the PHY to not clear fair and priority requests when a null packet is
received with arbitration acceleration enabled. If 1, then fair and priority requests are cleared only when a
packet of more than 8 bits is received; ACK packets (exactly 8 data bits), null packets (no data bits), and
malformed packets (less than 8 data bits) do not clear fair and priority requests. If 0, then fair and priority
requests are cleared when any nonACK packet is received, including null-packets or malformed packets of
less than 8 bits. This bit is cleared to 0 by hardware reset and is unaffected by bus-reset.
Link_Speed
2
Rd/Wr
Link speed. This field indicates the top speed capability of the attached LLC. Encoding is as follows:
Code
Speed
00
S100
01
S200
10
S400
11
illegal
This field is replicated in the sp field of the self-ID packet to indicate the speed capability of the node (PHY
and LLC in combination). However, this field does not affect the PHY speed capability indicated to peer
PHYs during self-ID; the TSB41AB3 PHY identifies itself as S400 capable to its peers regardless of the value
in this field. This field is set to 10b (S400) by hardware reset and is unaffected by bus-reset.
SWR
1
Rd/Wr
Software hard reset. Writing a 1 to this bit forces a hard reset of the PHY (just as momentarily asserting the
RESET pin low). This bit is always read as a 0.
power-class programming
The PC0–PC2 terminals are programmed to set the default value of the power-class indicated in the pwr field
(bits 21–23) of the transmitted self-ID packet. Descriptions of the various power-classes are given in Table 9
The default power-class value is loaded following a hardware reset, but is overridden by any value subsequently
loaded into the Pwr_Class field in register 4.
Table 9. Power Class Descriptions
PC0–PC2
DESCRIPTION
000
Node does not need power and does not repeat power.
001
Node is self-powered and provides a minimum of 15 W to the bus.
010
Node is self-powered and provides a minimum of 30 W to the bus.
011
Node is self-powered and provides a minimum of 45 W to the bus.
100
Node may be powered from the bus and is using up to 3 W and may also provide power to the bus. The amount of bus power that
it provides can be found in the configuration ROM.
101
Reserved
110
Node is powered from the bus and uses up to 3 W. An additional 3 W is needed to enable the link.
111
Node is powered from the bus and uses up to 3 W. An additional 7 W is needed to enable the link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com