Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9481 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9481
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 4 Page - Analog Devices

  AD9481 Datasheet HTML 1Page - Analog Devices AD9481 Datasheet HTML 2Page - Analog Devices AD9481 Datasheet HTML 3Page - Analog Devices AD9481 Datasheet HTML 4Page - Analog Devices AD9481 Datasheet HTML 5Page - Analog Devices AD9481 Datasheet HTML 6Page - Analog Devices AD9481 Datasheet HTML 7Page - Analog Devices AD9481 Datasheet HTML 8Page - Analog Devices AD9481 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD9481
Rev. 0 | Page 4 of 28
DIGITAL SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V; TMIN = −40°C, TMAX = +85°C, AIN = −1 dBFS, full scale = 1.0 V, internal reference, differential analog and
clock inputs, unless otherwise noted.
Table 2.
AD9481-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK AND DS INPUTS (CLK+, CLK−, DS+, DS−)
Differential Input
Full
IV
200
mV p-p
Common-Mode Voltage1
Full
VI
1.38
1.5
1.68
V
Input Resistance
Full
VI
4.2
5.5
6.0
kΩ
Input Capacitance
25°C
V
4
pF
LOGIC INPUTS (PDWN, S1)
Logic 1 Voltage
Full
IV
2.0
V
Logic 0 Voltage
Full
IV
0.8
V
Logic 1 Input Current
Full
VI
±160
µA
Logic 0 input Current
Full
VI
10
µA
Input Resistance
25°C
V
30
kΩ
Input Capacitance
25°C
V
4
pF
DIGITAL OUTPUTS
Logic 1 Voltage2
Full
VI
DRVDD − 0.05
mV
Logic 0 Voltage
Full
VI
0.05
V
Output Coding
Full
IV
Twos complement or binary
1 The common mode for CLOCK inputs can be externally set, such that 0.9 V < CLK ± < 2.6 V.
2 Capacitive loading only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com