Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3D08060A Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # C3D08060A
Description  C3D08060A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D08060A Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  C3D08060A Datasheet HTML 1Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 2Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 3Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 4Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 5Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 6Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 7Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Rev. 9, January 2023
C3D08060A
Package Dimensions & Pin-Out
Package: TO-220-2
A
N
L1
M1
(1.50 DP 0.20)
F
C
A
P
Q
W
V
B
E1
E2
Y
X
NOTE
ALL METAL SURFACES ARE TIN PLATED (MATTE),
1.
EXCEPT AREA OF CUT.
DIMENSIONING & TOLERANCING CONFORM TO
2.
ASME Y14.5M-1994.
ALL DIMENSIONS ARE LISTED IN MILLIMETERS.
3.
ANGLES ARE IN DEGREES.
PACKAGE BURR FLASH SIZE (0.5 mm) IS NOT
4.
INCLUDED IN THE DIMENSIONS
1
2
3
0.35 M B A M
0.35 M B A M
1
CATHODE
2
ANODE
3
CATHODE
SYMBOL
MIN (mm)
MAX (mm)
A
9.677
10.414
B
5.969
6.477
C
2.540
3.048
D
5.664
8.560
D1
12.450 REF
E
14.986
15.621
E1
8.120 REF
E2
6.100 REF
F
3.632
3.886
G
28.067
29.134
H
12.700
13.970
H1
6.223 REF
H2
7.040 REF
L1
0.635
0.914
M1
1.143
1.397
N
4.953
5.207
P
4.191
4.699
Q
1.219
1.372
S
3
6
T
3
6
U
3
6
V
2.388
2.794
W
0.356
0.635
W1
0.356
0.520
X
3
5.5
Y
9.779
10.414
Z
3.302
3.810
TITLE:
REVISION NO.
SCALE:1:1
SHEET 1 OF 1
A4
Date: 02/19/22
01
PACKAGE OUTLINE DRAWING:
TO 220-2L
A
A
B
B
C
C
D
D
E
E
F
F
4
4
3
3
2
2
1
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com