Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9927BBCZRL Datasheet(PDF) 41 Page - Analog Devices

Part # AD9927BBCZRL
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZRL Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9927BBCZRL Datasheet HTML 37Page - Analog Devices AD9927BBCZRL Datasheet HTML 38Page - Analog Devices AD9927BBCZRL Datasheet HTML 39Page - Analog Devices AD9927BBCZRL Datasheet HTML 40Page - Analog Devices AD9927BBCZRL Datasheet HTML 41Page - Analog Devices AD9927BBCZRL Datasheet HTML 42Page - Analog Devices AD9927BBCZRL Datasheet HTML 43Page - Analog Devices AD9927BBCZRL Datasheet HTML 44Page - Analog Devices AD9927BBCZRL Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
AD9927
Rev. 0 | Page 41 of 100
Complete Field: Combining V-Sequences
After the V-sequences are created, they are combined to create
different readout fields. A field consists of up to nine regions,
and within each region, a different V-sequence can be selected.
Figure 49 shows how the sequence change positions (SCP)
designate the line boundary for each region and how the SEQ
registers then select which V-sequence is used in each region.
Registers to control the VSG outputs are also included in the
field registers. Table 17 summarizes the registers used to create
the different fields.
The SEQ registers, one for each region, select which of the
V-sequences are active in each region. The MULT_SWEEP
registers, one for each region, are used to enable sweep mode
and/or multiplier mode in any region. The SCP registers create
the line boundaries for each region. The VDLEN register
specifies the total number of lines in the field. The HDLEN
registers specifies the total number of pixels per line, and the
HDLASTLEN register specifies the number of pixels in the last
line of the field. The VPATSECOND register is used to add a
second V-pattern group to the XV1 to XV10 signals in the
vertical sensor gate (VSG) line.
The SGMASK register is used to enable or disable each individual
VSG output. There are two bits for each VSG output to enable
separate masking in SGACTLINE1 and SGACTLINE2.
Setting a masking bit high masks the output; setting it low
enables the output. The VSGPATSEL register assigns one of the
eight SG patterns to each VSG output. The individual SG
patterns are created separately using the SG pattern registers.
The SGACTLINE1 register specifies which line in the field
contains the VSG outputs. The optional SGACTLINE2 register
allows the same VSG pulses to be repeated on a different line.
Separate masking is not available for SGACTLINE1 and
SGACTLINE2.
Table 17. Field Registers (CLPOB, PBLK Masking Shown in Table 10)
Register
Length
Range
Description
SEQx
5b
0 to 31 V-sequence no.
Selected V-sequence for each region in the field.
MULT_SWEEP
2b
0 to 3
Enables multiplier mode and/or sweep mode for each region.
0: multiplier off, sweep off.
1: multiplier off, sweep on.
2: multiplier on, sweep off.
3: multiplier on, sweep on.
SCP
13b
0 to 8191 line no.
Sequence change position for each region.
VDLEN
13b
0 to 8191 lines
Total number of lines in each field.
HDLASTLEN
13b
0 to 8191 pixels
Length in pixels of the last HD line in each field.
VSGPATSEL
24b
High/low
VSGPATSEL selects which V-pattern toggle positions are used. When set to 0,
Toggle 1 and Toggle 2 are used. When set to 1, Toggle 3 and Toggle 4 are used.
[0]: XV1 selection (0 = use TOG1, TOG2; 1 = use TOG3, TOG4).
…
[23]: XV24 selection.
SGMASK
24b
High/low, each VSG
Set high to mask each individual VSG output.
[0]: XV1 mask.
…
[23]: XV24 mask.
SGACTLINE1
13b
0 to 8191 line no.
Selects the line in the field where the VSG signals are active.
SGACTLINE2
13b
0 to 8191 line no.
Selects a second line in the field to repeat the VSG signals. If not used,
set this equal to SGACTLINE1 or to the maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com