Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3D08065E Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # C3D08065E
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D08065E Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  C3D08065E Datasheet HTML 1Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 2Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 3Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 4Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 5Page - WOLFSPEED, INC. C3D08065E Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C3D08065E Rev. A, 12-2015
C3D08065E
Silicon Carbide Schottky Diode
Z-Rec® Rectifier
Features
• 650-Volt Schottky Rectifier
• Zero Reverse Recovery Current
• Zero Forward Recovery Voltage
• High-Frequency Operation
• Temperature-Independent Switching Behavior
• Extremely Fast Switching
• Positive Temperature Coefficient on V
F
Benefits
• Replace Bipolar with Unipolar Rectifiers
• Essentially No Switching Losses
• Higher Efficiency
• Reduction of Heat Sink Requirements
• Parallel Devices Without Thermal Runaway
Applications
• Switch Mode Power Supplies
• Power Factor Correction
• Motor Drives
Package
TO-252-2
Maximum Ratings (T
C = 25˚C unless otherwise specified)
Symbol
Parameter
Value Unit
Test Conditions
Note
V
RRM
Repetitive Peak Reverse Voltage
650
V
V
RSM
Surge Peak Reverse Voltage
650
V
V
DC
DC Blocking Voltage
650
V
I
F
Continuous Forward Current
25.5
12
8
A
T
C=25˚C
T
C=135˚C
T
C=155˚C
Fig. 3
I
FRM
Repetitive Peak Forward Surge Current
34
25
A
T
C=25˚C, tP = 10 ms, Half Sine Wave
T
C=110˚C, tP = 10 ms, Half Sine Wave
I
FSM
Non-Repetitive Peak Forward Surge Current
71
60
A
T
C=25˚C, tp = 10 ms, Half Sine Wave
T
C=110˚C, tp = 10 ms, Half Sine Wave
Fig. 8
I
F,Max
Non-Repetitive Peak Forward Surge Current
650
530
A
T
C=25˚C, tP = 10 µs, Pulse
T
C=110˚C, tP = 10 µs, Pulse
Fig. 8
P
tot
Power Dissipation
120
52
W
T
C=25˚C
T
C=110˚C
Fig. 4
T
J , Tstg
Operating Junction and Storage Temperature
-55 to
+175
˚C
Part Number
Package
Marking
C3D08065E
TO-252-2
C3D08065
V
RRM
=
650 V
I
F (TC=135˚C) =
12 A
Q
c
=
20 nC
PIN 1
PIN 2
CASE


Similar Part No. - C3D08065E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C3D08065E CREE-C3D08065E Datasheet
1Mb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - C3D08065E

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3D02065E WOLFSPEED-C3D02065E Datasheet
1Mb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 10-2016
C3D04065E WOLFSPEED-C3D04065E Datasheet
1Mb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 08-2016
C3D06060G WOLFSPEED-C3D06060G Datasheet
1Mb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. H, 01-2018
C3D10065I WOLFSPEED-C3D10065I Datasheet
931Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. E, 01-2018
C3D20065D WOLFSPEED-C3D20065D Datasheet
855Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. 3, May 2021
C3D30065D WOLFSPEED-C3D30065D Datasheet
1,017Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. -, 09-2016
C4D02120E WOLFSPEED-C4D02120E Datasheet
896Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. I, 01-2017
C4D05120E WOLFSPEED-C4D05120E Datasheet
925Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. F, 01-2017
C6D04065E WOLFSPEED-C6D04065E Datasheet
633Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 05-2020
C6D06065E WOLFSPEED-C6D06065E Datasheet
640Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 05-2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com