Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3D20060D Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # C3D20060D
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D20060D Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  C3D20060D Datasheet HTML 1Page - WOLFSPEED, INC. C3D20060D Datasheet HTML 2Page - WOLFSPEED, INC. C3D20060D Datasheet HTML 3Page - WOLFSPEED, INC. C3D20060D Datasheet HTML 4Page - WOLFSPEED, INC. C3D20060D Datasheet HTML 5Page - WOLFSPEED, INC. C3D20060D Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
C3D20060D Rev. E, 03-2016
4
5
6
7
8
9
10
0
1
2
3
0
100
200
300
400
500
600
700
Reverse Voltage, VR (V)
Typical Performance
100
1,000
TJ_initial = 25 °C
TJ_initial = 110 °C
10
10E-6
100E-6
1E-3
10E-3
Time, tp (s)
Figure 7. Capacitance Stored Energy
Figure 8. Non-repetitive peak forward surge current
versus pulse duration (sinusoidal waveform)
t
p (s)
V
R (V)
Figure 9. Transient Thermal Impedance
100E-3
1
0.5
0.3
0.1
0.05
0.02
SinglePulse
1E-3
10E-3
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
0.01
T (Sec)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com