Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C3M0060065D Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # C3M0060065D
Description  Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3M0060065D Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button C3M0060065D Datasheet HTML 3Page - WOLFSPEED, INC. C3M0060065D Datasheet HTML 4Page - WOLFSPEED, INC. C3M0060065D Datasheet HTML 5Page - WOLFSPEED, INC. C3M0060065D Datasheet HTML 6Page - WOLFSPEED, INC. C3M0060065D Datasheet HTML 7Page - WOLFSPEED, INC. C3M0060065D Datasheet HTML 8Page - WOLFSPEED, INC. C3M0060065D Datasheet HTML 9Page - WOLFSPEED, INC. C3M0060065D Datasheet HTML 10Page - WOLFSPEED, INC. C3M0060065D Datasheet HTML 11Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
C3M0060065D Rev. 4, 02-2021
Typical Performance
0
5
10
15
20
25
30
35
40
-40
-15
10
35
60
85
110
135
160
Case Temperature, TC (°C)
Conditions:
TJ ≤ 175 °C
Conditions:
TJ ≤ 175 °C
0.01
0.10
1.00
10.00
100.00
0.1
1
10
100
1000
Drain-Source Voltage, VDS (V)
100 µs
10 µs
Conditions:
TC = 25 °C
D = 0,
Parameter: tp
Limited by RDS On
1 µs
Figure 22. Safe Operating Area
Figure 21. Transient Thermal Impedance
(Junction - Case)
Figure 23. Clamped Inductive Switching Energy vs.
Drain Current (V
DD = 400V)
Figure 19. Continuous Drain Current Derating vs.
Case Temperature
Figure 20. Maximum Power Dissipation Derating Vs
Case Temperature
Figure 24. Clamped Inductive Switching Energy vs. R
G(ext)
10E-3
100E-3
1
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
Time, tp (s)
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
150
175
Case Temperature, TC (°C)
Conditions:
TJ ≤ 175 °C
0
50
100
150
200
250
300
0
5
10
15
20
25
30
Drain to Source Current, IDS (A)
EOff
EOn
ETotal
Conditions:
TJ = 25 °C
VDD = 400 V
RG(ext) = 2.5 Ω
VGS = -4V/+15V
FWD = C3M0060065D
L = 135 μH
0
50
100
150
200
250
0
5
10
15
20
25
External Gate Resistor RG(ext) (Ohms)
EOff
EOn
ETotal
Conditions:
TJ = 25 °C
VDD = 400 V
IDS = 13.2 A
VGS = -4V/+15 V
FWD = C3M0060065D
L = 135 μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com