Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH47267ASA01 Datasheet(PDF) 21 Page - ams AG

Part # SFH47267ASA01
Description  OSLON Black Series (940 nm) - 110 ° x 135 °
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH47267ASA01 Datasheet(HTML) 21 Page - ams AG

Back Button SFH47267ASA01 Datasheet HTML 13Page - ams AG SFH47267ASA01 Datasheet HTML 14Page - ams AG SFH47267ASA01 Datasheet HTML 15Page - ams AG SFH47267ASA01 Datasheet HTML 16Page - ams AG SFH47267ASA01 Datasheet HTML 17Page - ams AG SFH47267ASA01 Datasheet HTML 18Page - ams AG SFH47267ASA01 Datasheet HTML 19Page - ams AG SFH47267ASA01 Datasheet HTML 20Page - ams AG SFH47267ASA01 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
SFH 47267AS A01
DATASHEET
DATASHEET
21 | Version 0.1 | 2023-03-02
Preliminary datasheet version
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com