Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSR52 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSR52
Description  NPN Darlington transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSR52 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSR52 Datasheet HTML 1Page - NXP Semiconductors BSR52 Datasheet HTML 2Page - NXP Semiconductors BSR52 Datasheet HTML 3Page - NXP Semiconductors BSR52 Datasheet HTML 4Page - NXP Semiconductors BSR52 Datasheet HTML 5Page - NXP Semiconductors BSR52 Datasheet HTML 6Page - NXP Semiconductors BSR52 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Nov 11
3
Philips Semiconductors
Product specification
NPN Darlington transistor
BSR52
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICES
collector-base cut-off current
VBE = 0 V; VCE =80V
−−
50
nA
IEBO
emitter-base cut-off current
VEB =4V; IC =0 A
−−
50
nA
hFE
DC current gain
VCE = 10 V; see Fig.2
IC = 150 mA
1000
−−
IC = 500 mA
2000
−−
VCEsat
collector-emitter saturation voltage IC = 0.5 A; IB = 0.5 mA
−−
1.3
V
IC = 1 A; IB =4mA
−−
1.6
V
VBEsat
base-emitter saturation voltage
IC = 0.5 A; IB = 0.5 mA
−−
1.9
V
IC = 1 A; IB =4mA
−−
2.2
V
fT
transition frequency
VCE =5V; IC = 500 mA;
f = 100 MHz
−
200
−
MHz
Switching times (between 10% and 90% levels); see Fig.3
ton
turn-on time
ICon = 500 mA; IBon = 0.5 mA;
IBoff = −0.5 mA
−−
500
ns
toff
turn-off time
−−
1300
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com