Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3FTH9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3FTH9
Description  through-hole or SMD / 50mA/24VDC / single pole/momentary
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3FTH9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3FTH9 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HOW TO ORDER
Dimensions (w/LED)
Dimensions (through-hole)
Dimensions (SMD)
Min. 10.16
Max 12.5
Ø 9,6
Ø = 11
7.6
± 0.5
10.1
ÿ 9.6
Min. 10.16
Max 12.5
Ø 9,6
Ø = 11
Ø 9.6
Ø 3
Ø 9.6
Ø 8.4
10.1
10.1
14
Ø 9,6
Ø = 11
7.6
± 0.5
10.1
Switch
Cap
Mounting
T through-hole
S surface mount
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
L 6 low temp.
H 9 high temp.
Standard versions:
3FTL6
3FTH9
3FSH9
3 F
1
+
D
Switch
Ordering example: 3 FTL620 + 1E032
Cap 1E
Mounting
T through-hole
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
Lens
1 transparent
2 green
4 yellow
8 red
LED
20 green
40 yellow
80 red
L 6 low temp.
H 9 high temp.
Standard versions:
3FTL620
3FTL640
3FTL680
3 F
T
+
Cap 1F
Ø = 0.9
2.54
10.16
Ø = 0.9
2.54
10.16
2.5
12.5
MEC · Industriparken 23 · P.O. BOX 26 · DK-2750 Ballerup · Denmark
Tel.: +45 44 97 33 66 · Fax: +45 44 68 15 14 · Web: http://www.mec.dk · E-mail: danmec@vip.cybercity.dk
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp: -40/+65°C
high temp: -40/+160°C
PCB layout
PCB layout
(top view)
PCB layout
multimec® 3F+1D/1E/1F


Similar Part No. - 3FTH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3FTH9 ETC2-3FTH9 Datasheet
301Kb / 6P
through-hole or SMD
3FTH9 ETC2-3FTH9 Datasheet
126Kb / 7P
through-hole or SMD
logo
APEM Components, Inc.
3FTH9 MULTIMEC-3FTH9 Datasheet
148Kb / 7P
basic switch modules
3FTH9 MULTIMEC-3FTH9 Datasheet
191Kb / 8P
basic switch modules
3FTH9 MULTIMEC-3FTH9 Datasheet
101Kb / 5P
PANEL BUSH, 2.5-4.0
More results

Similar Description - 3FTH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
Through-hole or SMD
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
through-hole or SMD
logo
Grayhill, Inc
4001UL GRAYHILL-4001UL Datasheet
63Kb / 1P
Momentary or Momentary With Positive Feel
logo
List of Unclassifed Man...
S741001 ETC2-S741001 Datasheet
112Kb / 2P
single or double pole
logo
E-SWITCH
PP2 E-SWITCH-PP2 Datasheet
311Kb / 1P
PUSH-PULL OR MOMENTARY FUNCTIONS
logo
Grayhill, Inc
400110-09 GRAYHILL-400110-09 Datasheet
213Kb / 1P
Momentary or Momentary With Positive Feel
logo
C&K Components
PHB CK-COMPONENTS-PHB Datasheet
260Kb / 3P
Momentary or latching action
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
Momentary action switch double pole
05.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com