Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M37151 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M37151
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M37151 Datasheet HTML 3Page - Renesas Technology Corp M37151 Datasheet HTML 4Page - Renesas Technology Corp M37151 Datasheet HTML 5Page - Renesas Technology Corp M37151 Datasheet HTML 6Page - Renesas Technology Corp M37151 Datasheet HTML 7Page - Renesas Technology Corp M37151 Datasheet HTML 8Page - Renesas Technology Corp M37151 Datasheet HTML 9Page - Renesas Technology Corp M37151 Datasheet HTML 10Page - Renesas Technology Corp M37151 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
MITSUBISHI MICROCOMPUTERS
6
Rev. 1.0
32 characters ✕ 2 lines
CC mode: 16 ✕ 26 dots (character display area : 16 ✕ 20 dots)
OSD mode: 16 ✕ 20 dots
254 kinds
CC mode: 1 kinds
OSD mode: 8 kinds
1 screen: 8 kinds (per character unit)
Horizontal: 128 levels, Vertical: 512 levels
5V ± 10%
165 mW typ. ( at oscillation frequency f(XIN) = 8 MHz, fOSC = 26 MHz)
82.5 mW typ. ( at oscillation frequency f(XIN) = 8 MHz)
0.33 mW typ. ( at oscillation frequency f(XCIN) = 32 kHz, f(XIN) = stop)
0.055 mW ( maximum )
–10 °C to 70 °C
CMOS silicon gate process
42-pin plastic molded SSOP
Power source voltage
Power
dissipation
Number of display characters
Dot structure
Kinds of characters
Kinds of character sizes
1 screen : 8
Character font coloring
Display position
Functions
Table 6.2 Performance Overview (Continued)
OSD function
Parameter
In high-speed
mode
In low-speed
mode
In stop mode
Operating temperature range
Device structure
Package
OSD ON
OSD OFF
OSD OFF
Data slicer ON
Data slicer OFF
Data slicer OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com