Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM50B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM50B
Description  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM50B Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM50B Datasheet HTML 1Page - National Semiconductor (TI) LM50B Datasheet HTML 2Page - National Semiconductor (TI) LM50B Datasheet HTML 3Page - National Semiconductor (TI) LM50B Datasheet HTML 4Page - National Semiconductor (TI) LM50B Datasheet HTML 5Page - National Semiconductor (TI) LM50B Datasheet HTML 6Page - National Semiconductor (TI) LM50B Datasheet HTML 7Page - National Semiconductor (TI) LM50B Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
30 Typical Applications (Continued)
TLH12030 – 16
FIGURE 9 LM50 With Voltage-To-Frequency Converter And Isolated Output
(b40 Cto a125 C 100 Hz to 1750 Hz)
40 Recommended Solder Pads for SOT-23 Package
SOT-23
TLH12030 – 20
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com