Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF9045LSR1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF9045LSR1
Description  RF Power Field Effect Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9045LSR1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF9045LSR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9045LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MRF9045LR1 MRF9045LSR1
5−1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N−Channel Enhancement−Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with frequen-
cies up to 1000 MHz. The high gain and broadband performance of these
devices make them ideal for large−signal, common−source amplifier applica-
tions in 28 volt base station equipment.
• Typical Two−Tone Performance at 945 MHz, 28 Volts
Output Power — 45 Watts PEP
Power Gain — 18.8 dB
Efficiency — 42%
IMD — −32 dBc
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 10:1 VSWR, @ 28 Vdc, 945 MHz, 45 Watts CW
Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large−Signal Impedance Parameters
• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.
• Low Gold Plating Thickness on Leads. L Suffix Indicates 40µ″ Nominal.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDSS
−0.5, +65
Vdc
Gate−Source Voltage
VGS
−0.5, + 15
Vdc
Total Device Dissipation @ TC = 25°C
MRF9045LR1
Derate above 25°C
MRF9045LSR1
PD
125
0.71
175
1
W
W/°C
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
MRF9045LR1
MRF9045LSR1
RθJC
1.4
1.0
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M1 (Minimum)
NOTE − CAUTION − MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF9045
Rev. 9, 12/2004
Freescale Semiconductor
Technical Data
MRF9045LR1
MRF9045LSR1
945 MHz, 45 W, 28 V
LATERAL N−CHANNEL
BROADBAND
RF POWER MOSFETs
CASE 360B−05, STYLE 1
NI−360
MRF9045LR1
CASE 360C−05, STYLE 1
NI−360S
MRF9045LSR1
© Freescale Semiconductor, Inc., 2004. All rights reserved.


Similar Part No. - MRF9045LSR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9045LSR1 FREESCALE-MRF9045LSR1 Datasheet
397Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF9045LSR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com