Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDB4361 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4361
Description  Evaluation Board for CS4361
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4361 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4361 Datasheet HTML 9Page - Cirrus Logic CDB4361 Datasheet HTML 10Page - Cirrus Logic CDB4361 Datasheet HTML 11Page - Cirrus Logic CDB4361 Datasheet HTML 12Page - Cirrus Logic CDB4361 Datasheet HTML 13Page - Cirrus Logic CDB4361 Datasheet HTML 14Page - Cirrus Logic CDB4361 Datasheet HTML 15Page - Cirrus Logic CDB4361 Datasheet HTML 16Page - Cirrus Logic CDB4361 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DS672DB2
13
CDB4361
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20k
120k
40k
60k
80k
100k
Hz
Figure 29. FFT (192 kHz, No Input)
Figure 30. FFT (192 kHz Out-of-Band, No Input)
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
90k
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
-150
+0
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
Figure 31. FFT (192 kHz, -60 dB Wideband)
Figure 32. FFT (IMD 192 kHz)
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
-120
+0
-100
-80
-60
-40
-20
dBFS
Figure 33. 192 kHz, THD+N vs. Input Freq
Figure 34. 192 kHz, THD+N vs. Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com