Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMA-4544PF-W Datasheet(PDF) 2 Page - CUI Devices

Part # CMA-4544PF-W
Description  ELECTRET CONDENSER MICROPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMA-4544PF-W Datasheet(HTML) 2 Page - CUI Devices

  CMA-4544PF-W Datasheet HTML 1Page - CUI Devices CMA-4544PF-W Datasheet HTML 2Page - CUI Devices CMA-4544PF-W Datasheet HTML 3Page - CUI Devices CMA-4544PF-W Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CUI DEVICES | MODEL: CMA-4544PF-W | DESCRIPTION: ELECTRET CONDENSER MICROPHONE
date 08/05/2022 | page 2 of 4
cuidevices.com
1.000V/PA
MECHANICAL CHARACTERISTICS
item
test condition
evaluation standard
soldering heat resistance
Soldering iron of +270 ±5°C should be placed on the
terminal for 2 ±0.5 seconds.
No interference in operation.
terminal mechanical strength
Apply to the terminal 4.9 N (0.5 kg) for 30 seconds
No damage or cutting off.
vibration test
The part should be measured after a vibration amplitude of 1.5 mm
with 10~55 Hz band of vibration frequency to each of the 3 perpen-
dicular directions for 2 hours.
After any tests, the sensitivity should be within
±3 dB of the initial sensitivity.
drop test
The part without packaging is subjected to 3 drops on each axis
from the height of 1 m onto a 20 mm thick wooden board.
ENVIRONMENT TEST
item
test condition
evaluation standard
high temperature test
After being placed in a chamber at +70°C for 72 hours.
After any tests and 6 hours of
conditioning at +25°C, the
sensitivity should be within ±3 dB of the initial
sensitivity.
low temperature test
After being placed in a chamber at -20°C for 72 hours.
thermal shock
After being placed in a chamber at +40°C and 90 ±5% RH for 240
hours.
temperature cycle test
The part will be subjected to 10 cycles. One cycle will consist of:
TEST CONDITIONS
standard test conditions
a) Temperature: +5 ~ +35°C
b) Humidity: 45 ~ 85%
c) Pressure: 860 ~ 1060 mbar
judgement test conditions
a) Temperature: +25 ±2°C
b) Humidity: 60 ~ 70%
c) Pressure: 860 ~ 1060 mbar
FREQUENCY RESPONSE CURVE
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com