Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BPX89 Datasheet(PDF) 13 Page - ams AG

Part # BPX89
Description  Silicon NPN Phototransistor Arrays
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

BPX89 Datasheet(HTML) 13 Page - ams AG

Back Button BPX89 Datasheet HTML 7Page - ams AG BPX89 Datasheet HTML 8Page - ams AG BPX89 Datasheet HTML 9Page - ams AG BPX89 Datasheet HTML 10Page - ams AG BPX89 Datasheet HTML 11Page - ams AG BPX89 Datasheet HTML 12Page - ams AG BPX89 Datasheet HTML 13Page - ams AG BPX89 Datasheet HTML 14Page - ams AG BPX89 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BPX 89
DATASHEET
DATASHEET
13 | Version 1.4 | 2023-06-06
Glossary
1)
Photocurrent: The photocurrent values are measured (by irradiating the devices with a homogenous
light source and applying a voltage to the device) with a tolerance of ±11 %.
2)
Tolerance of Measure: Unless otherwise noted in
drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
3)
IPCEmin: IPCEmin is the min. photocurrent of the specified group.
4)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures. 
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
5)
Testing temperature: TA = 25°C (unless otherwise specified)
6)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and 
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com