Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

837081908 Datasheet(PDF) 1 Page - Ulti-Mate Connector Inc

Part # 837081908
Description  MICRO STRIP CONNECTOR, SR08P0-24E5-15.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTI-MATE [Ulti-Mate Connector Inc]
Direct Link  https://www.ultimateconnector.com/
Logo ULTI-MATE - Ulti-Mate Connector Inc

837081908 Datasheet(HTML) 1 Page - Ulti-Mate Connector Inc

  837081908 Datasheet HTML 1Page - Ulti-Mate Connector Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.425
.080 MAX.
PIN 1
PIN 8
.285
.09 MAX.
15.00
24 AWG PER
NEMA-HP3-EXBEB
TYP.
-
1 of 1
837081908
SD-837081908.slddrw
DU 3/10/21
5 : 1
NONE
MICRO STRIP CONNECTOR,
SR08P0-24E5-15.0
SD-837081908
2
SD-837081908
-
-
3/10/21
NOTES: UNLESS OTHERWISE SPECIFIED.
DW 3/10/21
DW 3/10/21
UMI7696
DW
DU
2
MATERIALS:
INSULATOR: PPS PER MIL-M-24519 GST-40F, COLOR: BLACK
PIN CONTACTS: C17200 BERYLLIUM COPPER PER ASTM B194, GOLD PLATED PER ASTM B488
WIRES: 24 AWG PER NEMA-HP3-EXBEB, COLOR CODE PER MIL-STD-681
4. PERFORMANCE SPECIFICATIONS:
CURRENT RATING: 3 AMPS MAX.
INSULATION RESISTANCE: 5000 MEGOHMS MIN.
DWV: 600 VAC
TEMPERATURE RATING: -55 C TO 125 C
5. CONTACT HEIGHTS ARE TO BE PER QA-STD-101.
1. MARKING:
EPOXY WICKING
TYP.
+2.00
-0.00
1
2
3
4
5
6
7
8
BLK
BRN
RED
ORG
YEL
GRN
BLU
VIO
1A
1A UMI WORK ORDER NUMBER
BAG AND TAG WITH "UMI", DATE CODE, UMI PART NUMBER.
1B
ENG PROJECT #:
NO SYMBOLS
= MINOR
DIMENSIONS
REL BY
APPVD BY
ECN NO.
DATE
DWG
ISSUE
PART
REV
C
CRITICAL
MAJOR
QUALITY
SYMBOLS
ANGULAR 2
2 PLACES .01
3 PLACES .005
GENERAL TOLERANCES:
58967
ULTI-MATE CAGE CODE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO ULTI-MATE
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION.
PART REV.
SHEET NO.
DRAWING NO.
MATERIAL:
TITLE:
CAD FILE NAME
APPROVED BY & DATE
CHECKED BY & DATE
DRAWN BY & DATE
UNLESS OTHERWISE SPECIFIED:
ALL DIMENSIONS ARE IN INCHES
B
SCALE
DWG SIZE
PART NO.
THIRD ANGLE
PROJECTION
REVISE ON CAD ONLY
2
3
4
5
6
7
8
9
10
F
E
D
C
B
A


Similar Part No. - 837081908

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
837081909 ULTI-MATE-837081909 Datasheet
51Kb / 1P
Micro Strip Wired 8 Pin Mounting Holes on both ends 24 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 15 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-23-09
More results

Similar Description - 837081908

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-834538490 ULTI-MATE-SD-834538490 Datasheet
175Kb / 1P
MICRO-D CONNECTOR ASSEMBLY, PR21P0-24E5-36.0
12/8/17
SD-834558490 ULTI-MATE-SD-834558490 Datasheet
174Kb / 1P
MICRO-D CONNECTOR ASSEMBLY, PR31P0-24E5-36.0
12/8/17
SD-834648490 ULTI-MATE-SD-834648490 Datasheet
56Kb / 1P
MICRO-D CONNECTOR ASSEMBLY PR25S0-24E5-36.0
12/19/2017
SD-837022290 ULTI-MATE-SD-837022290 Datasheet
69Kb / 1P
MICRO-D STRIP CONNECTOR, RECEPTACLE, SIZE 2 SR02S0-26E5-15.0
11-12-13
SD-837051290 ULTI-MATE-SD-837051290 Datasheet
91Kb / 1P
MICRO-D STRIP CONNECTOR, PLUG, SIZE 5 SR05P0-26E5-15.0
11-12-13
SD-837052290 ULTI-MATE-SD-837052290 Datasheet
92Kb / 1P
MICRO-D STRIP CONNECTOR, RECEPTACLE, SIZE 5 SR05S0-25E5-15.0
11-12-13
SD-837061290 ULTI-MATE-SD-837061290 Datasheet
96Kb / 1P
MICRO-D STRIP CONNECTOR, PLUG, SIZE 6 SR06P0-26E5-15.0
11-12-13
SD-837062290 ULTI-MATE-SD-837062290 Datasheet
97Kb / 1P
MICRO-D STRIP CONNECTOR, RECEPTACLE, SIZE 6 SR06S0-26E5-15.0
11-12-13
SD-837082906 ULTI-MATE-SD-837082906 Datasheet
239Kb / 1P
MICRO STRIP CONNECTOR, SR08S0-24E5-15.0
3/10/21
SD-837101290 ULTI-MATE-SD-837101290 Datasheet
160Kb / 1P
MICRO STRIP CONNECTOR, SR10P0-26E5-15.0
4/27/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com