Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP244F Datasheet(PDF) 28 Page - Power Integrations, Inc.

Part # TOP244F
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP244F Datasheet(HTML) 28 Page - Power Integrations, Inc.

Back Button TOP244F Datasheet HTML 24Page - Power Integrations, Inc. TOP244F Datasheet HTML 25Page - Power Integrations, Inc. TOP244F Datasheet HTML 26Page - Power Integrations, Inc. TOP244F Datasheet HTML 27Page - Power Integrations, Inc. TOP244F Datasheet HTML 28Page - Power Integrations, Inc. TOP244F Datasheet HTML 29Page - Power Integrations, Inc. TOP244F Datasheet HTML 30Page - Power Integrations, Inc. TOP244F Datasheet HTML 31Page - Power Integrations, Inc. TOP244F Datasheet HTML 32Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
TOP242-250
28
G
1/02
Table 4 (cont). Comparison Between TOPSwitch-II and TOPSwitch-GX. *Not available
Function
TOPSwitch-FX
TOPSwitch-GX
TOPSwitch-GX Advantages
Light Load Operation
Cycle skipping
Frequency and Duty Cycle
• Improves light load efficiency
reduction
• Reduces no-load consumption
Line Sensing/Externally Line sensing and
Line sensing and externally
• Additional design flexibility allows all
Set Current Limit
externally set
set current limit possible
features to be used simultaneously
(Y, R and F Packages)
current limit
simultaneously
mutually
(functions split onto
exclusive (M pin)
L and X pins)
Current Limit
100-40%
100-30%
• Minimizes transformer core size
Programming
in highly continuous designs
Range
TOPSwitch-FX vs. TOPSwitch-GX
Table 5 compares the features and performance differences
between TOPSwitch-GX and TOPSwitch-FX. Many of the new
features eliminate the need for additional discrete components.
Other features increase the robustness of design allowing cost
savings in the transformer and other power components.
Function
TOPSwitch-II
TOPSwitch-GX Figures TOPSwitch-GX Advantages
Remote ON/OFF
N/A*
Single transistor
11, 22, • Fast on/off (cycle by cycle)
or optocoupler
23, 24, • Active-on or active-off control
interface or manual
25, 26, • Low consumption in remote off state
switch
27, 29, • Active-on control for fail-safe
36, 37, • Eliminates expensive in-line on/off
38, 39,
switch
40
• Allows processor controlled turn
on/off
• Permits shutdown/wake-up of
peripherals via LAN or parallel port
Synchronization
N/A*
Single transistor
• Synchronization to external lower
or optocoupler
frequency signal
interface
• Starts new switching cycle on
demand
Thermal Shutdown
125 °C min.
Hysteretic 130 °C• Automatic recovery from thermal
Latched
min. Shutdown (with
fault
75 °C hysteresis)
• Large hysteresis prevents circuit
board overheating
Current Limit Tolerance
±10% (@25 °C)
±7% (@25 °C)
• 10% higher power capability due to
-8% (0 °C to100 °C) -4% (0 °C to 100 °C)
tighter tolerance
DRAIN
DIP
0.037" / 0.94 mm
0.137" / 3.48 mm
• Greater immunity to arcing as a
Creepage
SMD
0.037" / 0.94 mm
0.137" / 3.48 mm
result of build-up of dust, debris and
at Package
TO-220 0.046" / 1.17 mm
0.068" / 1.73 mm
other contaminants
DRAIN Creepage at
0.045" / 1.14 mm
0.113" / 2.87 mm
• Preformed leads accommodate
PCB for Y, R and F
(R and F
(preformed leads)
large creepage for PCB layout
Packages
Package N/A*)
• Easier to meet Safety (UL/VDE)
Table 5. Comparison Between TOPSwitch-FX and TOPSwitch-GX. (continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com