Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z0410 Datasheet(PDF) 3 Page - STMicroelectronics

Part # Z0410
Description  STANDARD TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410 Datasheet(HTML) 3 Page - STMicroelectronics

  Z0410 Datasheet HTML 1Page - STMicroelectronics Z0410 Datasheet HTML 2Page - STMicroelectronics Z0410 Datasheet HTML 3Page - STMicroelectronics Z0410 Datasheet HTML 4Page - STMicroelectronics Z0410 Datasheet HTML 5Page - STMicroelectronics Z0410 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
01234
0
1
2
3
4
5
6
7
=30
o
=90
o
=60
o
=
120
o
=
180
o
180
O
I
(A)
T(RMS)
P(W)
Fig.1 : Maximum RMS power dissipation versus
RMS on-state current.
0
10 20 30 40 50 60 70 80 90 100 110 120 130
0
1
2
3
4
5
= 180
o
Tcase( C)
o
I
(A)
T(RMS)
Fig.5 : RMS on-state current versus case tempera-
ture (TO202-1).
P (W)
0
20406080
100
120
140
0
1
2
3
4
5
6
7
-75
-85
-95
-105
Rth = 0 C/W
5C/W
10 C/W
15 C/W
o
o
o
o
Tcase ( C)
o
Tamb ( C)
o
-115
-125
Fig.2 : Correlation between maximum RMS power
dissipation and maximum allowable temperature
(Tamb and Tcase) for different thermal resistances
heatsink + contact (TO202-1).
P(W)
Tcase ( C)
o
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
-75
-85
-95
-105
-115
-125
Tamb ( C)
o
Rth(j-a)
Rth(j-c)
Fig.4 : Correlation between maximum RMS power
dissipation and maximum allowable temperature
(Tamb and Tcase) (TO202-2).
0
102030 405060 70 8090 100 110 120 130
0
0.2
0.4
0.6
0.8
1
= 180
o
Tamb( C)
o
I
(A)
T(RMS)
Fig.6 : RMS on-state current versus case tempera-
ture (TO202-2).
01234
0
1
2
3
4
5
6
7
=30
o
=90
o
=60
o
=
120
o
=
180
o
180
O
I
(A)
T(RMS)
P(W)
Fig.3 : Maximum RMS power dissipation versus
RMS on-state current.
®
Z0410xE/F
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com