Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA501 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA501
Description  40V 3.5A DOUBLE POWER HALF BRIDGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA501 Datasheet(HTML) 1 Page - STMicroelectronics

  STA501 Datasheet HTML 1Page - STMicroelectronics STA501 Datasheet HTML 2Page - STMicroelectronics STA501 Datasheet HTML 3Page - STMicroelectronics STA501 Datasheet HTML 4Page - STMicroelectronics STA501 Datasheet HTML 5Page - STMicroelectronics STA501 Datasheet HTML 6Page - STMicroelectronics STA501 Datasheet HTML 7Page - STMicroelectronics STA501 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
STA501
December 2003
s
MINIMUM INPUT OUTPUT PULSE WIDTH
DISTORTION
s
200m
Ω RdsON COMPLEMENTARY DMOS
OUTPUT STAGE
s
CMOS COMPATIBLE LOGIC INPUTS
s
THERMAL PROTECTION
s
THERMAL WARNING OUTPUT
s
UNDER VOLTAGE PROTECTION
DESCRIPTION
STA501 is a monolithic dual half bridge stage in Mul-
tipower BCD Technology.
The device is particularly designed to make the out-
put stage of a mono All-Digital High Efficiency
(DDX™) amplifier capable to deliver 50W @ THD =
10% at Vcc 30V output power on 8Ω load. The input
pins have threshold proportional to Ibias pin voltage.
PowerSO36
ORDERING NUMBER: STA501
40V 3.5A DOUBLE POWER HALF BRIDGE
AUDIO APPLICATION CIRCUIT
C30
1
µF
C107
100nF
C106
100nF
C55
1000
µF
C58
100nF
C58
100nF
R57
10K
R59
10K
C53
100nF
C60
100nF
C31
1
µF
R104
20
C109
330pF
15
GND
IBIAS
CONFIG
PWRDN
PWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
GND
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
INA
INA
INB
PROTECTIONS
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
GND
VCC
14
12
GND
VCCB
13
L113 22
µH
L112 22
µH
C32
1
µF
+VCC
C108
470nF
C33
1
µF
7
M17
M15
M16
M14
8
9
OUTA
GNDA
OUTA
VCCA
6
4
2
3
OUTB
GNDB
D02AU1447
OUTB
VCCB
5
N.C.
N.C.
16
17
19
31
20
GNDSUB
1
N.C.
10
N.C.
11
INB
32
C110
100nF
C111
100nF
R103
6
R102
6
MULTIPOWER BCD TECHNOLOGY


Similar Part No. - STA501

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA501A SANKEN-STA501A Datasheet
12Kb / 1P
N-channel General purpose
logo
STMicroelectronics
STA501A STMICROELECTRONICS-STA501A Datasheet
111Kb / 9P
45V 3.5A DOUBLE POWER HALF BRIDGE
Rev. 1
More results

Similar Description - STA501

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
40V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA518 STMICROELECTRONICS-STA518 Datasheet
349Kb / 19P
40V 3.5A quad power half bridge
18-May-2006
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
30V 3.5A QUAD POWER HALF BRIDGE
Jan-2006
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA501A STMICROELECTRONICS-STA501A Datasheet
111Kb / 9P
45V 3.5A DOUBLE POWER HALF BRIDGE
Rev. 1
logo
Monolithic Power System...
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
16V, 3.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com