Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB6100T Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB6100T
Description  8PSK/QPSK direct conversion tuner IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6100T Datasheet(HTML) 1 Page - STMicroelectronics

  STB6100T Datasheet HTML 1Page - STMicroelectronics STB6100T Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEF
September 2004
STB6100
8PSK/QPSK direct conversion tuner IC
Rev. 1
DESCRIPTION
The STB6100 ASIC is a highly integrated, low-cost
direct conversion (zero IF) tuner IC for DVB-S2
broadcast satellite applications.
This device includes an LNA, down-converting
mixers, baseband low-pass filters, gain control,
on-chip VCO and a low noise PLL. Its wide gain
control range is well suited for low symbol rate
applications.
The STB6100 is controlled by a simple two wire
interface and has been designed to minimize the
external bill of materials to reduce manufacturing
costs and to simplify the board layout. The
reduced component count ensures greater system
reliability
leading
to
increase
consumer
satisfaction.
The DVB-S2 standard increases the capacity of
satellite broadcasts by as much as 30%, so
enabling the effective deployment of high data rate
applications such as high definition TV and
broadband internet.
Packaged in a small QFN 32-pin package, it is
ideal for low cost DBS design.
Figure 1. Package (420 + 36 PBGA 27 x 27)
Figure 2. Integrated silicon tuner
xxxx
XO_BYP
XTALB
XOOUT
IOUT
IOUTB
QOUTB
QOUT
XTAL
VCCRF
RFIN
GND
GND
VCCMIX
GND
GND
GND
PDF
/(Ni+Nf)
BB
Gain
CP
3
2
2
5
9
1
6
2
6
2
7
2
8
2
9
3
0
3
1
1
4
1
3
1
2
1
1
1
0
1
5
1
8
7
2
3
4
5
6
24
17
21
18
19
20
23
22
LD
2-Wire Bus
BW
AGC
Control
DC Offset
Cancellation
DC Offset
Cancellation
/2 or /1
Divide
2/4
0o
90o
Delta
Sigma
OP
AMP


Similar Part No. - STB6100T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
8PSK/QPSK direct conversion tuner IC
21-Apr-2009
More results

Similar Description - STB6100T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
QPSK DVB/DIRECTVTM direct conversion tuner IC
Mar-2004
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
Direct-Conversion TV Tuner
Rev 0; 7/06
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
Direct-Conversion Tuner IC
Rev 1; 6/05
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
8PSK/QPSK low-power 3.3 V satellite tuner IC
21-Aug-2008
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
Direct-Conversion TV Tuner
Rev 6; 11/08
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
8PSK/QPSK direct conversion tuner IC
21-Apr-2009
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
8PSK/QPSK low-power 3.3-V satellite tuner IC
29-Nov-2011
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
29-Nov-2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com