Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWCSSRM1.EC Datasheet(PDF) 14 Page - ams AG

Part # GWCSSRM1.EC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.EC Datasheet(HTML) 14 Page - ams AG

Back Button GWCSSRM1.EC Datasheet HTML 10Page - ams AG GWCSSRM1.EC Datasheet HTML 11Page - ams AG GWCSSRM1.EC Datasheet HTML 12Page - ams AG GWCSSRM1.EC Datasheet HTML 13Page - ams AG GWCSSRM1.EC Datasheet HTML 14Page - ams AG GWCSSRM1.EC Datasheet HTML 15Page - ams AG GWCSSRM1.EC Datasheet HTML 16Page - ams AG GWCSSRM1.EC Datasheet HTML 17Page - ams AG GWCSSRM1.EC Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Version 1.6(not for new design)
GW CSSRM1.EC
Relative Forward Voltage 5) page 26
Relative Vorwärtsspannung 5) Seite 26
ΔVF = VF - VF(85 °C) = f(Tj); IF = mA
Relative Luminous Flux 5) page 26
Relativer Lichtstrom 5) Seite 26
ΦV/ΦV(85 °C) = f(Tj); IF = mA
Chromaticity Coordinate Shift 5) page 26
Farbortverschiebung 5) Seite 26
Cx, Cy = f(Tj); IF = mA
GW CSSRM1.EC
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-2,0
-1,5
-1,0
-0,5
0,0
0,5
1,0
∆VF [V]
GW CSSRM1.EC
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φ
v
Φ
v(85°C)
GW CSSRM1.EC
-50
0
50
100
150
Tj [°C]
0,40
0,41
0,42
0,43
0,44
Cx
Cy
: Cx - white
: Cy - white
2018-05-10
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com