Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWP7LM32.PM-RPRR-XX55-1 Datasheet(PDF) 2 Page - ams AG

Part # GWP7LM32.PM-RPRR-XX55-1
Description  DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWP7LM32.PM-RPRR-XX55-1 Datasheet(HTML) 2 Page - ams AG

  GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 1Page - ams AG GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 2Page - ams AG GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 3Page - ams AG GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 4Page - ams AG GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 5Page - ams AG GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 6Page - ams AG GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 7Page - ams AG GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 8Page - ams AG GWP7LM32.PM-RPRR-XX55-1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GW P7LM32.PM
2 Version 1.2 | 2020-03-18
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 300 mA
Φ
V
GW P7LM32.PM-RPRR-XX55-1
4000 K
1120.0 ... 1400.0 lm Q65112A2228
GW P7LM32.PM-RQRR-XX53-1
5000 K
1210.0 ... 1400.0 lm Q65112A2227
GW P7LM32.PM-RPRQ-XX52-1
5700 K
1120.0 ... 1300.0 lm Q65112A5553
GW P7LM32.PM-RPRR-XX51-1
6500 K
1120.0 ... 1400.0 lm Q65112A2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com