Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMHF2805DE1/OR Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # SMHF2805DE1/OR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2805DE1/OR Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button SMHF2805DE1/OR Datasheet HTML 3Page - Interpoint Corporation Company SMHF2805DE1/OR Datasheet HTML 4Page - Interpoint Corporation Company SMHF2805DE1/OR Datasheet HTML 5Page - Interpoint Corporation Company SMHF2805DE1/OR Datasheet HTML 6Page - Interpoint Corporation Company SMHF2805DE1/OR Datasheet HTML 7Page - Interpoint Corporation Company SMHF2805DE1/OR Datasheet HTML 8Page - Interpoint Corporation Company SMHF2805DE1/OR Datasheet HTML 9Page - Interpoint Corporation Company SMHF2805DE1/OR Datasheet HTML 10Page - Interpoint Corporation Company SMHF2805DE1/OR Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 18
FIGURE 20
POSITIVE OUTPUT LOAD (% OF TOTAL LOAD)
–VOUT WITH SHIFT IN LOAD BALANCE
CROSS REGULATION
–10
100
0
20
40
60
80
–5
0
5
10
2812D
2815D
2805D
OUTPUT POWER (Watts)
50 mV DROP
LOW LINE DROPOUT VS. LOAD
10
11
12
13
14
15
14
15
16
SMHF2812S&D
SMHF2815S&D
SMHF2805S&D
13
12
50
µs/div
50%
100%
SMHF2815D +V
STEP LOAD RESPONSE
50% to 100%
100% to 50%
PO= 7.5 W
FIGURE 15
50
µs/div
20%
100%
SMHF+2815D VOUT STEP LOAD RESPONSE
20% to 100%
100% to 20%
PO= 7.5 W
FIGURE 16
OUTPUT LOAD (%)
COND. A: 50% LOAD +V; 50% to 10% –V
COND. B: 50% LOAD –V; 50% to 10% +V
SMHF2805D/SMHF2812D/SMHF2815D
CROSS REGULATION
–10
0
10
10
20
30
40
50
–8
–6
–4
–2
2
4
6
8
2815D
2812D
2812D
COND B
COND A
2805D
2805D
FIGURE 19
FIGURE 17
2 ms/div
SMHF2815D TURN-ON INTO FULL LOAD
VIN
+VOUT
–VOUT
FIGURE 12
FIGURE 14
200
µs/div
10%
100%
SMHF2805S STEP LOAD RESPONSE
10% to 100%
100% to 10%
1 ms/div
16V TO 40V
SMHF2815D STEP LINE RESPONSE
VIN
+VOUT
2 ms/div
SMHF2805S TURN-ON INTO FULL LOAD
VIN
VOUT
POUT= 12W
FIGURE 13
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com