Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD404828RH Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD404828RH
Description  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RH Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD404828RH Datasheet HTML 17Page - Renesas Technology Corp HD404828RH Datasheet HTML 18Page - Renesas Technology Corp HD404828RH Datasheet HTML 19Page - Renesas Technology Corp HD404828RH Datasheet HTML 20Page - Renesas Technology Corp HD404828RH Datasheet HTML 21Page - Renesas Technology Corp HD404828RH Datasheet HTML 22Page - Renesas Technology Corp HD404828RH Datasheet HTML 23Page - Renesas Technology Corp HD404828RH Datasheet HTML 24Page - Renesas Technology Corp HD404828RH Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 149 page
background image
HD404829R Series
19
Table 1 Initial Values After MCU Reset
Item
Abbr.
Initial
Value
Contents
Program
counter
(PC)
$0000
Indicates program execution point from start
address of ROM area
Status flag
(ST)
1
Enables conditional branching
Stack pointer
(SP)
$3FF
Stack level 0
Interrupt
Interrupt enable flag
(IE)
0
Inhibits all interrupts
flags/mask
Interrupt request flag
(IF)
0
Indicates there is no interrupt request
Interrupt mask
(IM)
1
Prevents (masks) interrupt requests
I/O
Port data register
(PDR)
All bits 1
Enables output at level 1
Data control register
(DCD0,
DCD1)
All bits 0
Turns output buffer off (to high impedance)
(DCD2)
- - 00
(DCR0,
–DCR7)
All bits 0
Port mode register A
(PMRA)
- - 00
Refer to description of port mode register A
Port mode register B
(PMRB)
0000
Refer to description of port mode register B
Port mode register C
bits 3, 1, 0
(PMRC3,
PMRC1,
PMRC0)
000
Refer to description of port mode register C
Detection edge select
register 1
(ESR1)
0000
Disables edge detection
Detection edge select
register 2
(ESR2)
0000
Disables edge detection
Timer/
Timer mode register A
(TMA)
0000
Refer to description of timer mode register A
counters,
Timer mode register B1
(TMB1)
0000
Refer to description of timer mode register B1
serial
Timer mode register B2
(TMB2)
- - 00
Refer to description of timer mode register B2
interface
Timer mode register C1
(TMC1)
0000
Refer to description of timer mode register C1
Timer mode register C2
(TMC2)
- 000
Refer to description of timer mode register C2
Timer mode register D1
(TMD1)
0000
Refer to description of timer mode register D1
Timer mode register D2
(TMD2)
0000
Refer to description of timer mode register D2
Serial mode register A
(SMRA)
0000
Refer to description of serial mode register A
Serial mode register B
(SMRB)
- - x0
Refer to description of serial mode register B
Prescaler S
(PSS)
$000
—
Prescaler W
(PSW)
$00
—
Timer counter A
(TCA)
$00
—
Timer counter B
(TCB)
$00
—
Timer counter C
(TCC)
$00
—
Timer counter D
(TCD)
$00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com