Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GF4435 Datasheet(PDF) 4 Page - General Semiconductor

Part # GF4435
Description  P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GF4435 Datasheet(HTML) 4 Page - General Semiconductor

  GF4435 Datasheet HTML 1Page - General Semiconductor GF4435 Datasheet HTML 2Page - General Semiconductor GF4435 Datasheet HTML 3Page - General Semiconductor GF4435 Datasheet HTML 4Page - General Semiconductor GF4435 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
500
1000
3000
1500
2000
2500
3500
0
5
10
15
20
30
25
Fig. 8 – Capacitance
Ciss
Coss
Crss
0
2
4
6
8
10
010
20
40
30
Fig. 7 – Gate Charge
50
60
VDS = --15V
ID = --4.6A
Qg -- Gate Charge (nC)
--VDS -- Drain-to-Source Voltage (V)
f = 1MHz
VGS = 0V
1
0.1
0.01
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
--VSD -- Source-to-Drain Voltage (V)
TJ = 125
°C
25
°C
--55
°C
Fig. 9 – Source-Drain Diode
Forward Voltage
VGS = 0V
0
0.02
0.01
0.03
0.05
0.07
0.04
0.08
0.06
246
8
10
Fig. 6 – On-Resistance
vs. Gate-to-Source Voltage
--VGS -- Gate-to-Source Voltage (V)
ID = -- 8.0A
TJ = 125
°C
TJ = 25
°C
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
GF4435
P-Channel Enhancement-Mode MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com