Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA261701FA-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTVA261701FA-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 – 2690 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA261701FA-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTVA261701FA-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA261701FA-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA261701FA-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA261701FA-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA261701FA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA261701FA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA261701FA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA261701FA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTVA261701FA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GTVA261701FA
5
Rev. 05.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 9. CW Performance at Specified V
DD
Figure 11. CW Performance at Specified V
DD
Figure 10. CW Performance at Specified V
DD
Figure 12. Small Signal CW Performance
0
10
20
30
40
50
60
70
80
12
13
14
15
16
17
18
19
20
27
31
35
39
43
47
51
55
Output Power (dBm)
CW Performance
at specified VDD
IDQ = 200 mA, ƒ = 2620 MHz
Gain
Efficiency
44 V
48 V
52 V
g261701fa-gr6a
0
10
20
30
40
50
60
70
80
12
13
14
15
16
17
18
19
20
27
31
35
39
43
47
51
55
Output Power (dBm)
CW Performance
at specified VDD
IDQ = 200 mA, ƒ = 2690 MHz
Gain
Efficiency
44 V
48 V
52 V
g261701fa-gr6c
0
10
20
30
40
50
60
70
80
12
13
14
15
16
17
18
19
20
27
31
35
39
43
47
51
55
Output Power (dBm)
CW Performance
at specified VDD
IDQ = 200 mA, ƒ = 2655 MHz
Gain
Efficiency
44 V
48 V
52 V
g261701fa-gr6b
-40
-36
-32
-28
-24
-20
-16
-12
-8
4
6
8
10
12
14
16
18
20
2450
2550
2650
2750
2850
Frequency (MHz)
Small Signal CW Perforrmance
VDD = 48 V, IDQ = 200 mA
Gain
Input Return Loss
g261701fa-gr7
0
10
20
30
40
50
60
70
80
12
13
14
15
16
17
18
19
20
27
31
35
39
43
47
51
55
Output Power (dBm)
CW Performance
at specified VDD
IDQ = 200 mA, ƒ = 2620 MHz
Gain
Efficiency
44 V
48 V
52 V
g261701fa-gr6a
0
10
20
30
40
50
60
70
80
12
13
14
15
16
17
18
19
20
27
31
35
39
43
47
51
55
Output Power (dBm)
CW Performance
at specified VDD
IDQ = 200 mA, ƒ = 2690 MHz
Gain
Efficiency
44 V
48 V
52 V
g261701fa-gr6c
0
10
20
30
40
50
60
70
80
12
13
14
15
16
17
18
19
20
27
31
35
39
43
47
51
55
Output Power (dBm)
CW Performance
at specified VDD
IDQ = 200 mA, ƒ = 2655 MHz
Gain
Efficiency
44 V
48 V
52 V
g261701fa-gr6b
-40
-36
-32
-28
-24
-20
-16
-12
-8
4
6
8
10
12
14
16
18
20
2450
2550
2650
2750
2850
Frequency (MHz)
Small Signal CW Perforrmance
VDD = 48 V, IDQ = 200 mA
Gain
Input Return Loss
g261701fa-gr7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com