Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA261701FA-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTVA261701FA-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 – 2690 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA261701FA-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTVA261701FA-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA261701FA-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA261701FA-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA261701FA-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA261701FA-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA261701FA-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA261701FA-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA261701FA-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTVA261701FA-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 05.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
GTVA261701FA
Package Types: H-37265J-2
Features
• GaN on SiC HEMT technology
• Input Matched
• Typical CW performance, 2690 MHz, 48 V, single side
- Output power at P
3dB = 170 W
- Efficiency = 75%
- Gain = 15 dB
• Human Body Model, Class 1B (per ANSI/ESDA/
JEDEC JS-001)
• Capable of handling 10:1 VSWR @48 V, 40 W (CW)
output power
• RoHS-compliant
Thermally-Enhanced High Power RF GaN on SiC HEMT
170 W, 50 V, 2620 – 2690 MHz
Description
The GTVA261701FA is a 170-watt (P
3dB) GaN on SiC high electron
mobility transistor (HEMT) for use in multi-standard cellular power
amplifier applications. It features input matching, high efficiency, and
a thermally-enhanced package with earless flange.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed test fixture)
V
DD = 48 V, IDQ = 200 mA, POUT = 40 W avg, ƒ = 2690 MHz. 3GPP WDMA signal, 3.84 MHz channel bandwidth,
10 dB peak/average @ 0.01% CCDF.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
16
17
—
dB
Drain Efficiency
h
D
38
43
—
%
Adjacent Channel Power Ratio
ACPR
—
-29
-25
dBc
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-80
-60
-40
-20
0
20
40
60
80
0
4
8
12
16
20
24
28
32
27
31
35
39
43
47
51
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 200 mA, ƒ = 2620 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
g261701fa-gr1a


Similar Part No. - GTVA261701FA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
GTVA261701FA INFINEON-GTVA261701FA Datasheet
858Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-05-29
logo
Cree, Inc
GTVA261701FA CREE-GTVA261701FA Datasheet
591Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 ??2690 MHz
logo
Infineon Technologies A...
GTVA261701FA INFINEON-GTVA261701FA_15 Datasheet
858Kb / 4P
Thermally-Enhanced High Power RF GaN HEMT
Rev. 01, 2015-05-29
More results

Similar Description - GTVA261701FA-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA261701FA CREE-GTVA261701FA Datasheet
591Kb / 10P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 50 V, 2620 ??2690 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
GTVA262701FA CREE-GTVA262701FA Datasheet
489Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 ??2690 MHz
GTVA262711FA CREE-GTVA262711FA Datasheet
464Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTVA262701FA_V2 WOLFSPEED-GTVA262701FA_V2 Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
GTVA262701FA WOLFSPEED-GTVA262701FA Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTVA262711FA WOLFSPEED-GTVA262711FA Datasheet
594Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 – 2690 MHz
Rev. 04.4, 2022-1-27
GTVA263202FC WOLFSPEED-GTVA263202FC Datasheet
632Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
Rev. 04.1, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com