Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC02BZ Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HC02BZ
Description  Quad 2-input NOR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC02BZ Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC02BZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC02BZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC02BZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC02BZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC02BZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC02BZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC02BZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC02BZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC02BZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
74HC02; 74HCT02
Quad 2-input NOR gate
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HCT02
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VI = VIH or VIL; VCC = 4.5 V
IO = -20 μA
4.4
4.5
-
4.4
-
4.4
-
V
VOH
HIGH-level
output voltage
IO = -4.0 mA
3.98 4.32
-
3.84
-
3.7
-
V
VI = VIH or VIL; VCC = 4.5 V
IO = 20 μA
-
0
0.1
-
0.1
-
0.1
V
VOL
LOW-level
output voltage
IO = 5.2 mA
-
0.15 0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC = 5.5 V
-
-
±0.1
-
±1
-
±1
μA
ICC
supply current VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
2.0
-
20
-
40
μA
ΔICC
additional
supply current
per input pin;
VI = VCC - 2.1 V; IO = 0 A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
-
150
540
-
675
-
735
μA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit see Fig. 5.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HC02
nA, nB to nY; see Fig. 4
[1]
VCC = 2.0 V
-
25
90
-
115
-
135
ns
VCC = 4.5 V
-
9
18
-
23
-
27
ns
VCC = 5.0 V; CL = 15 pF
-
7
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
7
15
-
20
-
23
ns
see Fig. 4
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power dissipation
capacitance
per package;
VI = GND to VCC
[3]
-
22
-
-
-
-
-
pF
74HC_HCT02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 8 — 9 February 2023
5 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com