Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC1G66GV Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74HC1G66GV
Description  Single-pole single-throw analog switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66GV Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74HC1G66GV Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Nexperia
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
mna083
5
(dB)
- 5
10
fi (kHz)
105
106
104
102
103
0
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 Ω; RSOURCE = 1 kΩ
Fig. 13. Typical -3 dB frequency response
0.1 µF
2RL
2RL
CL
fi
VIL
VO
VCC
VCC
E
dB
Y/Z
Z/Y
001aai679
Adjust the switch input voltage for a 0 dBm level (0 dBm = 1 mW into 600 Ω).
Fig. 14. Test circuit for measuring isolation (OFF-state)
mna082
- 60
- 40
- 80
- 20
0
(dB)
- 100
10
fi (kHz)
105
106
104
102
103
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 Ω; RSOURCE = 1 kΩ
Fig. 15. Typical isolation (OFF-state) as a function of frequency
74HC_HCT1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 27 January 2022
12 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com