Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTRA262802FC-V2-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTRA262802FC-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 24902690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA262802FC-V2-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTRA262802FC-V2-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA262802FC-V2-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 03.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
GTRA262802FC
Package Types: H-37248C-4
PN: GTRA262802FC
Features
• GaN on SiC HEMT technology
• Input matched
• Typical pulsed CW performance, 2605 MHz, 48 V,
combined outputs, 16 µs pulse width, 10% duty
cycle
- Output power at P
3dB = 250 W
- Efficiency = 62%
- Gain = 14.4 dB
• Capable of handling 10:1 VSWR @48 V, 38 W (CW)
output power
• Human Body Model Class 1A (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF GaN on SiC HEMT
250 W, 48 V, 2490 – 2690 MHz
Description
The GTRA262802FC is a 250-watt (P
3dB) GaN on SiC high electron
mobility transistor (HEMT) for use in multi-standard cellular power
amplifier applications. It features input matching, high efficiency,
and a thermally-enhanced package with earless flange.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
V
DD = 48 V, IDQ = 100 mA, VGS(PEAK) = VGS @IDQ = 200 mA – 2.05 V, POUT = 38 W avg, ƒ = 2635 MHz, 3GPP signal, 3.84 MHz channel
bandwidth, 10 dB peak/average @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
13.5
14
dB
Drain Efficiency
h
D
49
54
%
Adjacent Channel Power Ratio
ACPR
–28
–24.5
dBc
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-70
-50
-30
-10
10
30
50
70
0
4
8
12
16
20
24
28
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 100 mA,
VGS(PEAK) = –5.0 V, ƒ = 2635 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
gtra262802fc_g1


Similar Part No. - GTRA262802FC-V2-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA262802FC-V2-R0 CREE-GTRA262802FC-V2-R0 Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
More results

Similar Description - GTRA262802FC-V2-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTRA262802FC CREE-GTRA262802FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
GTRA263902FC CREE-GTRA263902FC Datasheet
486Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 ??2690 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
GTVA262701FA CREE-GTVA262701FA Datasheet
489Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 ??2690 MHz
GTVA262711FA CREE-GTVA262711FA Datasheet
464Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTVA262701FA_V2 WOLFSPEED-GTVA262701FA_V2 Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTRA263902FC WOLFSPEED-GTRA263902FC Datasheet
531Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 – 2690 MHz
Rev. 04.1, 2022-1-27
GTVA262701FA WOLFSPEED-GTVA262701FA Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTVA263202FC WOLFSPEED-GTVA263202FC Datasheet
632Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
Rev. 04.1, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com