Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA107001FC-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTVA107001FC-V1-R2
Description  High Power RF GaN on SiC HEMT 700 W, 50 V, DC - 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA107001FC-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTVA107001FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 3.1, 2021-10-14
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Pout (W)
Power Sweep, Pulsed CW
VDS = 50 V, IDQ = 100 mA, 128 µs pulse width,
10% duty cycle, power optimized
Gain: 960 MHz
Gain: 1030 MHz
Gain: 1090 MHz
Gain: 1150 MHz
Gain: 1215 MHz
Eff: 960 MHz
Eff: 1030 MHz
Eff: 1090 MHz
Eff: 1150 MHz
Eff: 1215 MHz
g107001efc-gr3
High Power RF GaN on SiC HEMT
700 W, 50 V, DC - 1.4 GHz
Features
• GaN on SiC HEMT technology
• Input matched
• Typical pulsed CW performance (class AB), 1030 MHz,
50 V, 128 µs pulse width, 10% duty cycle
- Output power P3dB = 890 W
- Drain efficiency = 75%
- Gain = 18 dB
• Capable of withstanding a 10:1 load mismatch (all
phase angles at 700 W peak power under pulse condi-
tions: 50 V, 100 mA IDQ,128 µs pulse width, 10% duty
cycle
• Human Body Model Class IC (per ANSI/ESDA/JEDEC
JS-001)
• Pb-free and RoHS-compliant
Description
The GTVA107001EC and GTVA107001FC are 700-watt GaN on SiC high elec-
tron mobility transistors (HEMT) for use in the DC - 1.4 GHz frequecy band.
RF Characteristics
Pulsed RF Performance (tested in Wolfspeed production test fixture)
GTVA107001EC: VDD = 50 V, IDQ = 100 mA, POUT = 700 W, ƒ = 1030 MHz, 128 µs pulse width, 10% duty cycle
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
17.5
20
22
dB
Drain Efficiency
hD
67
70
—
%
GTVA107001FC: VDD = 50 V, IDQ = 100 mA, POUT = 700 W, ƒ = 1030 MHz, 128 µs pulse width, 10% duty cycle
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
17.5
20
22
dB
Drain Efficiency
hD
65
70
—
%
GTVA107001EC/FC
GTVA107001EC
Package H-36248-2
GTVA107001FC
Package H-37248-2


Similar Part No. - GTVA107001FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA107001FC-V1-R2 CREE-GTVA107001FC-V1-R2 Datasheet
253Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 700 W, 50 V, 960 ??1215 MHz
More results

Similar Description - GTVA107001FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
GTVA104001FA CREE-GTVA104001FA Datasheet
314Kb / 4P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 50 V, 960 ??1215 MHz
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
GTVA107001EC CREE-GTVA107001EC Datasheet
253Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 700 W, 50 V, 960 ??1215 MHz
logo
Qorvo, Inc
QPA2511 QORVO-QPA2511 Datasheet
2Mb / 13P
100 W, 50 V, 1.2 ??1.4 GHz, GaN on SiC Power Amplifier
TGF2023-2-20 QORVO-TGF2023-2-20 Datasheet
2Mb / 21P
100 W, 32 V, DC to 14 GHz, Discrete Power GaN on SiC HEMT
TGF2023-2-10 QORVO-TGF2023-2-10 Datasheet
2Mb / 21P
50 W, 32 V, DC to 14 GHz, Discrete Power GaN on SiC HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
GTVA101K42EV WOLFSPEED-GTVA101K42EV Datasheet
2Mb / 14P
Thermally-Enhanced High Power RF GaN on SiC HEMT 1400 W, 50 V, DC – 1400 MHz
Rev. 4.5, March 2021
GTVA126001EC_FC WOLFSPEED-GTVA126001EC_FC Datasheet
443Kb / 8P
Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz
Rev. P06, 2020-03-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com