Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA262701FA-V2-R2 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTVA262701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA262701FA-V2-R2 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTVA262701FA-V2-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA262701FA-V2-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA262701FA-V2-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA262701FA-V2-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA262701FA-V2-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA262701FA-V2-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA262701FA-V2-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA262701FA-V2-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GTVA262701FA
4
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. CW Performance at Selected V
DD
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
25
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at selected VDD
IDQ = 320 mA, ƒ = 2690 MHz
series show voltage
44 V
48 V
52 V
g262701fa-gr6
Gain
Efficiency
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
4
6
8
10
12
14
16
18
20
22
2350
2450
2550
2650
2750
2850
Frequency (MHz)
CW Performance, Small Signal
VDD = 48 V, IDQ = 320 mA
Gain
IRL
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
25
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at selected VDD
IDQ = 320 mA, ƒ = 2690 MHz
series show voltage
44 V
48 V
52 V
g262701fa-gr6
Gain
Efficiency
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
4
6
8
10
12
14
16
18
20
22
2350
2450
2550
2650
2750
2850
Frequency (MHz)
CW Performance, Small Signal
VDD = 48 V, IDQ = 320 mA
Gain
IRL
Figure 6. CW Performance, Small Signal
Load Pull Performance
Pulsed CW signal: – 10 µsec, 10% duty cycle; 48 V, 320 mA
P
3dB
Class AB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Z
s [W]
Z
l 2f0 [W]
Z
l[W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
h
D [%]
Z
l [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
h
D [%]
2620
6.90– j4.0
1.4 + j4.3
2.24 – j3.80 15.2
54.71
296
62.3
1.95 – j1.91 17.45 52.89
194.5
75.1
2655
6.85 – j3.4
2.3 + j10
2.20 – j3.78 15.2
54.80
302
63.4
2.26 – j2.27 16.70 53.14
206.1
73.6
2690
5.90 – j4.8
1.7 + j8.3
2.12 – j3.74 15.2
54.78
301
65.1
1.80 – j2.00 16.80 52.65
184.1
75.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com