Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA263202FC-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTVA263202FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA263202FC-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTVA263202FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA263202FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA263202FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA263202FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA263202FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA263202FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA263202FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA263202FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GTVA263202FC
4
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. Small Signal CW Gain & Input Return Loss
-28
-24
-20
-16
-12
-8
-4
10
12
14
16
18
20
22
2500 2550 2600 2650 2700 2750 2800
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 48 V, IDQ(M) = 200 mA, IDQ(PK) = 200 mA
IRL
Gain
gtva263202fc_g7
-28
-24
-20
-16
-12
-8
-4
10
12
14
16
18
20
22
2500 2550 2600 2650 2700 2750 2800
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 48 V, IDQ(M) = 200 mA, IDQ(PK) = 200 mA
IRL
Gain
gtva263202fc_g7
Load Pull Performance
Load Pull Performance (per side) – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 200 mA
P
3dB
Max Output Power
Max PAE
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
2620
8.5 – j7
2.45 – j3.5
14.95
53.75
237
65.9
2.0 – j1.1
16.36
51.13
130
77.3
2655
8.9 – j8.5
2.96 – j3.6
14.67
53.77
238
67.7
2.43 – j1.8
15.88
52.39
173
77.2
2690
9.7 – j9.7
3.0 – j3.86
14.5
53.75
237
68.2
2.17 – j1.9
15.84
52.02
159
77.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com