Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1T45 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T45
Description  1-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T45 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP1T45 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
74AXP1T45
1-bit dual supply translating transceiver; 3-state
Rev. 2 — 3 February 2022
Product data sheet
1. General description
The 74AXP1T45 is a single bit, dual supply transceiver with 3-state output that enables
bidirectional level translation. It features two 1-bit input-output ports (A and B), a direction control
input (DIR) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any
voltage between 0.9 V and 5.5 V making the device suitable for translating between any of the low
voltage nodes (0.9 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). No power supply sequencing is
required and output glitches during power supply transitions are prevented using patented circuitry.
As a result glitches will not appear on the outputs for supply transitions during power-up/down
between 20 mV/μs and 5.5 V/s. Pins A and DIR are referenced to VCC(A) and pin B is referenced
to VCC(B). A HIGH on DIR allows transmission from A to B and a LOW on DIR allows transmission
from B to A.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both A and B are
in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.9 V to 5.5 V
• VCC(B): 0.9 V to 5.5 V
• Low input capacitance; CI = 1.5 pF (typical)
• Low output capacitance; CO = 3.8 pF (typical)
• Low dynamic power consumption; CPD = 11 pF (typical)
• Low static power consumption; ICC = 2 μA (25 °C maximum)
• High noise immunity
• Complies with JEDEC standard:
• JESD8-12 (1.1 V to 1.3 V; inputs)
• JESD8-11 (1.4 V to 1.6 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD12-6 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD78D Class II
• Inputs accept voltages up to 5.5 V
• Low noise overshoot and undershoot < 10% of VCCO
• IOFF circuitry provides partial power-down mode operation
• Specified from -40 °C to +125 °C


Similar Part No. - 74AXP1T45

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
Dual supply buffer/line driver; 3-state
74AXP1T125GM NEXPERIA-74AXP1T125GM Datasheet
265Kb / 18P
Dual supply buffer/line driver; 3-state
74AXP1T125GN NEXPERIA-74AXP1T125GN Datasheet
265Kb / 18P
Dual supply buffer/line driver; 3-state
74AXP1T125GS NEXPERIA-74AXP1T125GS Datasheet
265Kb / 18P
Dual supply buffer/line driver; 3-state
logo
NXP Semiconductors
74AXP1T125GWH NXP-74AXP1T125GWH Datasheet
208Kb / 22P
Dual supply buffer/line driver; 3-state
Rev. 1-21 December 2015
More results

Similar Description - 74AXP1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
16-bit dual supply translating transceiver 3-state
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com