Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP2T45 Datasheet(PDF) 22 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45 Datasheet(HTML) 22 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 25Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 26Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
13. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT765-1
MO-187
sot765-1_po
07-06-02
16-05-31
Unit
mm
max
nom
min
0.15
0.27 0.23 2.1
0.5
0.4
A
max.
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
A1
A2
0.85
A3
bp
c
D(1) E(2)
e
HE
L
0.4
Lp
Q
v
w
1
0.12
0.1
0.2 0.08
y
Z(1)
3.0
0.15
2.2
0.19
0.00
0.17 0.08 1.9
0.1
0.60
0°
3.2
0.40
2.4
0.21
8°
θ
0
scale
5 mm
detail X
A
y
e
X
v
A
bp
w
D
Z
1
4
8
5
θ
A2
A1
Q
Lp
(A3)
A
L
HE
E
c
pin 1 index
Fig. 17. Package outline SOT765-1 (VSSOP8)
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
22 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com